Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAM9G45 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # SAM9G45
Description  ARM-based Embedded MPU
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM9G45 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button SAM9G45 Datasheet HTML 2Page - ATMEL Corporation SAM9G45 Datasheet HTML 3Page - ATMEL Corporation SAM9G45 Datasheet HTML 4Page - ATMEL Corporation SAM9G45 Datasheet HTML 5Page - ATMEL Corporation SAM9G45 Datasheet HTML 6Page - ATMEL Corporation SAM9G45 Datasheet HTML 7Page - ATMEL Corporation SAM9G45 Datasheet HTML 8Page - ATMEL Corporation SAM9G45 Datasheet HTML 9Page - ATMEL Corporation SAM9G45 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
6
6438GS–ATARM–13-Jul-11
SAM9G45
PC0 - PC31
Parallel IO Controller C
I/O
(1)
Pulled-up input at reset
(100k
Ω)(3), Schmitt trigger
PD0 - PD31
Parallel IO Controller D
I/O
(1)
Pulled-up input at reset
(100k
Ω)(3), Schmitt trigger
PE0 - PE31
Parallel IO Controller E
I/O
(1)
Pulled-up input at reset
(100k
Ω)(3), Schmitt trigger
DDR Memory Interface- DDR2/SDRAM/LPDDR Controller
DDR_D0 -
DDR_D15
Data Bus
I/O
VDDIOM0
Pulled-up input at reset
DDR_A0 -
DDR_A13
Address Bus
Output
VDDIOM0
0 at reset
DDR_CLK-
#DDR_CLK
DDR differential clock input
Output
VDDIOM0
DDR_CKE
DDR Clock Enable
Output
High
VDDIOM0
DDR_CS
DDR Chip Select
Output
Low
VDDIOM0
DDR_WE
DDR Write Enable
Output
Low
VDDIOM0
DDR_RAS-
DDR_CAS
Row and Column Signal
Output
Low
VDDIOM0
DDR_DQM[0..1]
Write Data Mask
Output
VDDIOM0
DDR_DQS[0..1]
Data Strobe
Output
VDDIOM0
DDR_BA0 -
DDR_BA1
Bank Select
Output
VDDIOM0
DDR_VREF
Reference Voltage
Input
VDDIOM0
External Bus Interface - EBI
D0 -D31
Data Bus
I/O
VDDIOM1
Pulled-up input at reset
A0 - A25
Address Bus
Output
VDDIOM1
0 at reset
NWAIT
External Wait Signal
Input
Low
VDDIOM1
Static Memory Controller - SMC
NCS0 - NCS5
Chip Select Lines
Output
Low
VDDIOM1
NWR0 - NWR3
Write Signal
Output
Low
VDDIOM1
NRD
Read Signal
Output
Low
VDDIOM1
NWE
Write Enable
Output
Low
VDDIOM1
NBS0 - NBS3
Byte Mask Signal
Output
Low
VDDIOM1
CompactFlash Support
CFCE1 - CFCE2
CompactFlash Chip Enable
Output
Low
VDDIOM1
CFOE
CompactFlash Output Enable
Output
Low
VDDIOM1
CFWE
CompactFlash Write Enable
Output
Low
VDDIOM1
CFIOR
CompactFlash IO Read
Output
Low
VDDIOM1
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Reference
Voltage
Comments


Similar Part No. - SAM9G45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G45 ATMEL-SAM9G45_14 Datasheet
341Kb / 53P
   AT91SAM ARM-based Embedded MPU
More results

Similar Description - SAM9G45

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G35 ATMEL-SAM9G35_14 Datasheet
5Mb / 1293P
   ARM-based Embedded MPU
SAM9G15 ATMEL-SAM9G15_14 Datasheet
5Mb / 1215P
   ARM-based Embedded MPU
SAMA5D3 ATMEL-SAMA5D3_14 Datasheet
7Mb / 1840P
   ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46 Datasheet
1Mb / 58P
   AT91SAM ARM-based Embedded MPU
SAM9G45 ATMEL-SAM9G45_14 Datasheet
341Kb / 53P
   AT91SAM ARM-based Embedded MPU
AT91SAM9G45B-CU ATMEL-AT91SAM9G45B-CU Datasheet
5Mb / 1185P
   AT91SAM ARM-based Embedded MPU
SAM9X35 ATMEL-SAM9X35 Datasheet
5Mb / 1375P
   SMART ARM-based Embedded MPU
SAM9263 ATMEL-SAM9263_14 Datasheet
4Mb / 1024P
   AT91SAM ARM-based Embedded MPU
SAMA5D41 ATMEL-SAMA5D41_14 Datasheet
6Mb / 1776P
   Atmel | SMART ARM-based Embedded MPU
SAMA5D43 ATMEL-SAMA5D43_14 Datasheet
6Mb / 1776P
   Atmel | SMART ARM-based Embedded MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com