Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1T11A Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. LT1T11A
Description  ø2mm, Straight Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LT1T11A Datasheet(HTML) 3 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED Lamp Characteristics Diagrams
Note)Characteristics shown in diagrams are typical values. (not assurance value)
HS series
HY series
0.5
2
1
3
5
10
20
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(IF=20mA)
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Peak Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0
10
20
30
40
50
60
-25
0
25
50
75 85
125
100
Forward Current Derating Curve
Ambient temperature Ta(˚C)
0.1
0.5
1.0
5.0
10
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.4
2.6
2.2
Forward Current vs. Forward Voltage(Note)
Forward voltage VF(V)
(Ta=25˚C)
1.0
5.0
10
50
100
500
1000
-20
0
20
40
60
80
120
100
Luminous Intensity vs. Ambient Temperature(Note)
Ambient temperature Ta(˚C)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1000
0.1
0.2
0.5
1
2
5
10
20
50
Luminous Intensity vs. Forward Current(Note)
Forward current IF(mA)
(Ta=25˚C)
1.0
5.0
2.0
10
20
50
100
200
500
1/50
1/20 1/10
1/5
1/2
1
Duty Ratio vs. Peak Forward Current
Duty ratio DR
(Ta=25˚C)
119
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn