Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1ET82A Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. LT1ET82A
Description  3.3X2.9mm, 1.1mm Thickness, High-luminosity, Dichromatic Chip LED Devices with Lens
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

LT1ET82A Datasheet(HTML) 1 Page - Sharp Electrionic Components

  LT1ET82A Datasheet HTML 1Page - Sharp Electrionic Components LT1ET82A Datasheet HTML 2Page - Sharp Electrionic Components LT1ET82A Datasheet HTML 3Page - Sharp Electrionic Components LT1ET82A Datasheet HTML 4Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
105
LT1tt82A series
Dichromatic Chip LED Device
LT1tt82A series
s Outline Dimensions
4-R0.2
(R0.5)
3.3
Colorless transparency
1
4
2
3
(0.3)
(0.3)
(0.3)
(0.3)
1.5
0.9
0.9
(R0.2)
Pin connections
Unspecified tolerance:
±0.2
Anode
Cathode
Cathode
Anode
1
2
3
4
ET
Yellow-green
KS
Green
series
Pin
Sunset
orange
Red
(HL)
s Radiation Diagram
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
E.K
T.S
DC
Pulse
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
LT1ET82A
LT1KS82A
GaP
GaAIAs on GaAs
GaP
GaAsP on GaP
50
66
50
85
20
30
20
30
50
50
50
50
0.27
0.40
0.27
0.40
0.67
0.67
0.67
0.67
5
5
5
5
350
350
350
350
Red(High-luminosity)
Sunset orange
Yellow-green
Green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*
The value is specified under the condition that either color is lightened separately. When the both diodes are lightened simultaneously,
the power dissipation of each diode should be less than the half of the value specified in this table.
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 For 3s or less at the temperature of hand soldering. Temperature of reflow soldering is shown on the below page.
s Absolute Maximum Ratings*
LT1ET82A
LT1KS82A
TYP
1.95
1.75
1.95
2.0
MAX
2.5
2.2
2.5
2.8
565
660
555
610
10
20
10
20
7.0
11.8
2.4
10.5
10
20
10
20
30
20
25
35
10
20
10
20
10
10
10
10
4
4
4
4
35
30
40
15
1
1
1
1
Model No.
Lens
type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Radiation
color
Colorless
transparency
Yellow-green
Red(High-luminosity)
Green
Sunset orange
s Electro-optical Characteristics
(Unit : mm)
(Ta=25˚C)
3.3!2.9mm, 1.1mm Thickness,
High-luminosity, Dichromatic
Chip LED Devices with Lens


Similar Part No. - LT1ET82A

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
LT1ET53A SHARP-LT1ET53A Datasheet
120Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Milky Diffusion, Dichromatic Chip LED Devices
More results

Similar Description - LT1ET82A

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
LT1U82A SHARP-LT1U82A Datasheet
108Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, High-luminosity Chip LED Devices with Lens
LT1ET53A SHARP-LT1ET53A Datasheet
120Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Milky Diffusion, Dichromatic Chip LED Devices
LT1P53A SHARP-LT1P53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
LT1T51A SHARP-LT1T51A Datasheet
101Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Colored Diffusion Chip LED Devices
LT1EH67A SHARP-LT1EH67A Datasheet
104Kb / 4P
   1616 Size, 0.8mm Thickness, Compact Dichromatic Leadless Chip LED Devices
Everlight Electronics Co., Ltd
Everlight Electronics C...
25-21-BHC-APR-2T EVERLIGHT-25-21-BHC-APR-2T_11 Datasheet
228Kb / 11P
   1206 Package Chip LED with Inner Lens(1.1mm Height)
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
25-21-BHC-APR-2T TO-GRACE-25-21-BHC-APR-2T Datasheet
1Mb / 11P
   1206 Package Chip LED with Inner Lens(1.1mm Height)
Sharp Electrionic Components
Sharp Electrionic Compo...
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
Kingbright Corporation
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
Sharp Electrionic Components
Sharp Electrionic Compo...
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz