Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBL202G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DBL202G
Description  Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBL202G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DBL202G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBL202G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326854
Glass passivated junction
Ideal for printed circuit board
High surge current capability
Small size, simple installation
Mechanical Data
DBL20XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
DBL
201G
DBL
202G
DBL
203G
DBL
204G
DBL
205G
DBL
206G
DBL
207G
DBL
208G
DBL
209G
Unit
VRRM
50
100
200
400
600
800
1000 1200 1400
V
VRMS
35
70
140
280
420
560
700
840
980
V
VDC
50
100
200
400
600
800
1000 1200 1400
V
TJ
OC
TSTG
OC
IFSM
50
A
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering guaranteed:
260℃/ 10 seconds at 5lbs., (2.3kg) tension
Notes 2: Mounted on P.C.B. with 0.4" x 0.4" (10mm x 10 mm) Copper Pads
10
500
40
15
- 55 to + 150
- 55 to + 150
Notes 1: Pulse Test with PW=300 usec, 1% Duty Cycle
RθjA
RθjL
Type Number
Operating Temperature Range
Storage Temperature Range
Version:E11
OC/W
DBL201G - DBL209G
Marking Diagram
DBL
V
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
Features
Weight: 0.38 grams
Reliable low cost construction utilizing molded
plastic technique
Typical Thermal Resistance (Note 2)
Maximum Instantaneous Forward Voltage (Note 1)
@2.0A
VF
Case: Molded plastic body
Maximum DC Reverse Current
@TA=25℃
at Rated DC Block Voltage
@ TA=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum Average Forward Rectified Current
@TA=40℃
IF(AV)
1.15
Dimensions in inches and (millimeters)
uA
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208
1.30
Maximum DC Blocking Voltage
2.0
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - DBL202G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL202G TSC-DBL202G Datasheet
109Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DBL202G LUGUANG-DBL202G Datasheet
135Kb / 2P
   Single Phase2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL202G TSC-DBL202G Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
DBL202G TSC-DBL202G Datasheet
185Kb / 4P
   2A, 50V - 1400V Glass Passivated Bridge Rectifiers
More results

Similar Description - DBL202G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UR2KB60 TSC-UR2KB60_11 Datasheet
212Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBP2005 YANGJIE-GBP2005 Datasheet
272Kb / 2P
   SINGLE PHASE 2.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBLS201G TSC-DBLS201G Datasheet
129Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
GBL201 TSC-GBL201_11 Datasheet
137Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
D2SB05 TSC-D2SB05_10 Datasheet
124Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Chongqing Pingwei Enter...
RL201G CHONGQING-RL201G_16 Datasheet
178Kb / 1P
   2.0AMPS .GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com