Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28950 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28950
Description  Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28950 Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCC28950 Datasheet HTML 8Page - Texas Instruments UCC28950 Datasheet HTML 9Page - Texas Instruments UCC28950 Datasheet HTML 10Page - Texas Instruments UCC28950 Datasheet HTML 11Page - Texas Instruments UCC28950 Datasheet HTML 12Page - Texas Instruments UCC28950 Datasheet HTML 13Page - Texas Instruments UCC28950 Datasheet HTML 14Page - Texas Instruments UCC28950 Datasheet HTML 15Page - Texas Instruments UCC28950 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
(
)
SS
SS(master )
T
25 A
C
VNI 0.55
´
m
=
+
SS
SS(slave)
T
C
20.6
825K Ln
20.6
VNI 0.55
=
æ
ö
´
ç
÷
-
-
è
ø
UCC28950
SLUSA16A – MARCH 2010 – REVISED JULY 2010
www.ti.com
Soft Start and Enable (SS/EN)
The soft-start pin SS/EN is a multi-function pin used for the following operations:
Closed loop soft start with the gradual duty cycle increase from the minimum set by TMIN up to the steady
state duty cycle required by the regulated output voltage.
Setting hiccup mode conditions during cycle-by-cycle over current limit.
On/off control for the converter.
During soft start, one of the voltages at the SS/EN or EA+ pins, whichever is lower (SS/EN - 0.55 V) or EA+
voltage (see Block Diagram), sets the reference voltage for a closed feedback loop. Both SS/EN and EA+ signals
are non-inverting inputs of the error amplifier with the COMP pin being its output. Thus the soft start always goes
under the closed feedback loop and the voltage at COMP pin sets the duty cycle. The duty cycle defined by
COMP voltage can not be shorter than TMIN pulse set by the user. However, if the shortest duty cycle is set by
the cycle-by-cycle current limit circuit, then it becomes dominant over the duty cycle defined by COMP voltage or
by TMIN block.
The soft-start duration is defined by an external capacitor CSS, connected between SS/EN pin and ground, and
the internal charge current that has typical value of 25 µA. Pulling the soft-start pin externally below 0.55 V shuts
down the controller. The release of the soft-start pin enables the controller to start, and if there is no current limit
condition, the duty cycle applied to the output inductor gradually increases until it reaches the steady state duty
cycle defined by the regulated output voltage of the converter. This happens when the voltage at the SS/EN pin
reaches and then exceeds the voltage at EA+ pin defined as VNI by 0.55 V. Thus for the given soft-start time
TSS, the CSS value can be defined by Equation 1 or Equation 2:
(1)
(2)
For example, in Equation 1, if the soft-start time TSS is selected to be 10 ms, and the VNI is 2.5 V, then the
soft-start capacitor CSS is equal to 82-nF.
NOTE
If the converter is configured in Slave Mode, make sure you place an 825-k
Ω resistor from
SS pin to ground.
Light-Load Power Saving Mode
The UCD28950 offers four different light-load management techniques for improving the efficiency of a power
converter over a wide load current range.
1. Adaptive Delay,
(a) ADEL, which sets and optimizes the dead-time control for the primary switches over wide load current
range.
(b) ADELEF, which sets and optimizes the delay-time control between the primary side switches and the
secondary side switches.
2. TMIN, sets the minimum duty cycle as long as the part is not in current limit mode.
3. Dynamic synchronous rectifier on/off control in DCM Mode, For increased efficiency at light loads. The DCM
Mode starts when the voltage at CS pin is lower than the threshold set by the user. In DCM Mode, the
synchronous output drive signals OUTE and OUTF are brought down low.
4. Burst Mode, for maximum efficiency at very light loads or no load. Burst Mode has an even number of PWM
TMIN pulses followed by off time. Transition to the Burst Mode is defined by the TMIN duration set by the
user.
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC28950


Similar Part No. - UCC28950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results

Similar Description - UCC28950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com