Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28950 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28950
Description  Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28950 Datasheet(HTML) 38 Page - Texas Instruments

Back Button UCC28950 Datasheet HTML 34Page - Texas Instruments UCC28950 Datasheet HTML 35Page - Texas Instruments UCC28950 Datasheet HTML 36Page - Texas Instruments UCC28950 Datasheet HTML 37Page - Texas Instruments UCC28950 Datasheet HTML 38Page - Texas Instruments UCC28950 Datasheet HTML 39Page - Texas Instruments UCC28950 Datasheet HTML 40Page - Texas Instruments UCC28950 Datasheet HTML 41Page - Texas Instruments UCC28950 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
1 kW
+
R
Z1
C
Z1
C
P1
EA-
EA+
R
I
R
V
REF
R
R
D
C
Z2
R
Z2
V
OUT
When evaluating COMP, for best
results put a 1-kW resistor between
COMP and probe.
UCC28950
SLUSA16A – MARCH 2010 – REVISED JULY 2010
www.ti.com
It is necessary to prevent the reverse current flow through the synchronous rectifier MOSFETs and output
inductor at the light load, during parallel operation and at some transient conditions. Such reverse current results
in circulating of some extra energy between the input voltage source and the load and, therefore, causes
increased losses and reduces efficiency. Another negative effect of such reverse current is the loss of ZVS
condition. The suggested control algorithm prevents reverse current flow, still maintaining most of the benefits of
synchronous rectification by switching off the drive signals of rectifier MOSFETs in a predetermined way. At
some pre-determined load current threshold, the controller disables outputs OUTE and OUTF by bringing them
down to zero.
Synchronous rectification using MOSFETs requires some electrical energy to drive the MOSFETs. There is a
condition below some light-load threshold when the MOSFET drive related losses exceed the saving provided by
the synchronous rectification. At such light load, it is best to disable the drive circuit and use the internal body
diodes of rectifier MOSFETs, or external diodes in parallel with the MOSFETs, for more efficient rectification. In
most practical cases, the drive circuit needs to be disabled close to DCM mode. This mode of operation is called
discontinuous-current diode-rectification mode.
At very light-load and no-load condition, the duty cycle, demanded by the closed-feedback-loop control circuit for
output voltage regulation, can be very low. This could lead to the loss of ZVS condition and increased switching
losses. To avoid the loss of ZVS, the control circuit limits the minimum ON-time pulse applied to the power
transformer using resistor from TMIN pin to GND. Therefore, the only way to maintain regulation at very light load
and at no-load condition is to skip some pulses. The controller skips pulses in a controllable manner to avoid
saturation of the power transformer. Such operation is called burst mode. In Burst Mode there are always an
even number of pulses applied to the power transformer before the skipping off time. Thus, the flux in the core of
the power transformer always starts from the same point during the start of every burst of pulses.
Voltage Loop Compensation Recommendation
For best results in the voltage loop it is recommended to use Type 2 or Type 3 compensation network
(Figure 49). A type 2 compensation network does not require passive components CZ2 and RZ2. Type 1
compensation is not versatile enough for a phase shifted full bridge. When evaluating the COMP for best results
it is recommended to put a 1-k
Ω resistor between the scope probe and the COMP pin of the UCC28950.
Figure 49. Type 3 Compensation Evaluation
38
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC28950


Similar Part No. - UCC28950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results

Similar Description - UCC28950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com