Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0206-29 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0206-29
Description  MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0206-29 Datasheet(HTML) 1 Page - Texas Instruments

  TXS0206-29 Datasheet HTML 1Page - Texas Instruments TXS0206-29 Datasheet HTML 2Page - Texas Instruments TXS0206-29 Datasheet HTML 3Page - Texas Instruments TXS0206-29 Datasheet HTML 4Page - Texas Instruments TXS0206-29 Datasheet HTML 5Page - Texas Instruments TXS0206-29 Datasheet HTML 6Page - Texas Instruments TXS0206-29 Datasheet HTML 7Page - Texas Instruments TXS0206-29 Datasheet HTML 8Page - Texas Instruments TXS0206-29 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
YFP PACKAGE
(TOP VIEW)
D
E
A
1
2
3
4
B
C
TXS0206-29
www.ti.com
SCES690 – DECEMBER 2009
MMC, SD CARD, Memory Stick™ VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
1
FEATURES
Level Translator
ESD Protection Exceeds JESD 22 (A Port)
VCCA Range of 1.1 V to 3.6 V
2000-V Human-Body Model (A114-B)
Fast Propagation Delay (4 ns Max When
1000-V Charged-Device Model (C101)
Translating Between 1.8 V and 2.9 V)
±8-kV Contact Discharge IEC 61000-4-2 ESD
Low-Dropout (LDO) Regulator
(B Port)
200-mA LDO Regulator With Enable
2.9-V Output Voltage
3.05-V to 5.5-V Input Voltage Range
Very Low Dropout: 200 mV at 200 mA
TERMINAL ASSIGNMENTS
1
2
3
4
A
DAT2A
VCCA
WP/CD
DAT2B
B
DAT3A
VBATT
VCCB O/P
DAT3B
C
CMDA
GND
GND
CMDB
D
DAT0A
CLKA
CLKB
DAT0B
E
DAT1A
CLK-f
EN
DAT1B
DESCRIPTION/ORDERING INFORMATION
The TXS0206-29 is a complete solution for interfacing microprocessors with MultiMediaCards (MMCs), secure
digital (SD) cards, and Memory Stick™ cards. It is comprised of a high-speed level translator, a low-dropout
(LDO) voltage regulator, IEC level ESD protection, and EMI filtering circuitry.
The voltage-level translator has two supply voltage pins. VCCA can be operated over the full range of 1.1 V to
3.6 V. VCCB is set at 2.9 V and is supplied by an internal LDO. The integrated LDO accepts input voltages from
3.05V to as high as 5.5 V and outputs 2.9 V, 200 mA to the B-side circuitry and to the external memory card. The
TXS0206-29 enables system designers to easily interface low-voltage microprocessors to memory cards
operating at 2.9 V.
Memory card standards recommend high-ESD protection for devices that connect directly to the external memory
card. To meet this need, the TXS0206-29 incorporates ±8-kV Contact Discharge protection on the card side.
Since memory cards are widely used in mobile phones, PDAs, digital cameras, personal media players,
camcorders, set-top boxes, etc. Low static power consumption and small package size make the TXS0206-29 an
ideal choice for these applications. The TXS0206-29 is offered in a 20-bump wafer chip scale package (WCSP).
This package has dimensions of 1.96 mm × 1.56 mm, with a 0.4-mm ball pitch for effective board-space savings
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
–40°C to 85°C
WCSP – YFP (Pb-free)
Tape and reel
TXS0206-29YFPR
_ _ _ 3 V 2
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The actual top-side marking has three preceding characters to denote year, month, and sequence code.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TXS0206-29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI1-TXS0206-29 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206-29YFPR TI-TXS0206-29YFPR Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29YFPR TI-TXS0206-29YFPR Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
More results

Similar Description - TXS0206-29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29_0912 TI-TXS0206-29_0912 Datasheet
398Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com