Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0104QRGYRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0104QRGYRQ1
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0104QRGYRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TXB0104QRGYRQ1 Datasheet HTML 2Page - Texas Instruments TXB0104QRGYRQ1 Datasheet HTML 3Page - Texas Instruments TXB0104QRGYRQ1 Datasheet HTML 4Page - Texas Instruments TXB0104QRGYRQ1 Datasheet HTML 5Page - Texas Instruments TXB0104QRGYRQ1 Datasheet HTML 6Page - Texas Instruments TXB0104QRGYRQ1 Datasheet HTML 7Page - Texas Instruments TXB0104QRGYRQ1 Datasheet HTML 8Page - Texas Instruments TXB0104QRGYRQ1 Datasheet HTML 9Page - Texas Instruments TXB0104QRGYRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
TXB0104-Q1
SCES727 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
TA = 25°C, VCCA = 1.2 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
A
B
6.9
5.7
5.3
5.5
tpd
ns
B
A
7.4
6.4
6
5.8
A
1
1
1
1
ten
OE
µs
B
1
1
1
1
A
320
320
320
330
tdis
OE
ns
B
150
110
150
110
trA, tfA
A-port rise and fall times
4.2
4.2
4.2
4.2
ns
trB, tfB
B-port rise and fall times
2.1
1.5
1.2
1.1
ns
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
15.9
13.1
13
12.9
tpd
ns
B
A
17.2
15
14.7
16.7
A
1
1
1
1
ten
OE
µs
B
1
1
1
1
A
340
280
280
300
tdis
OE
ns
B
220
220
220
220
trA, tfA
A-port rise and fall times
7.1
7.1
7.1
7.1
ns
trB, tfB
B-port rise and fall times
6.5
5.2
4.8
4.7
ns
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
14
10.7
9.8
9.5
tpd
ns
B
A
15
11.4
10.6
10.1
A
1
1
1
1
ten
OE
µs
B
1
1
1
1
A
280
250
250
250
tdis
OE
ns
B
220
220
220
220
trA, tfA
A-port rise and fall times
6.2
6.1
6.1
6.1
ns
trB, tfB
B-port rise and fall times
5.8
5.2
4.8
4.7
ns
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TXB0104-Q1


Similar Part No. - TXB0104QRGYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104QRGYRQ1 TI1-TXB0104QRGYRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TXB0104-Q1 4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
More results

Similar Description - TXB0104QRGYRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104 TI1-TXB0104_17 Datasheet
1Mb / 34P
[Old version datasheet]   4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI-TXB0104_08 Datasheet
971Kb / 25P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106 TI-TXB0106_11 Datasheet
650Kb / 20P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI1-TXB0108_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and (-)15-kV ESD Protection
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com