Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6416ARTWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6416ARTWR
Description  LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6416ARTWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA6416ARTWR Datasheet HTML 5Page - Texas Instruments TCA6416ARTWR Datasheet HTML 6Page - Texas Instruments TCA6416ARTWR Datasheet HTML 7Page - Texas Instruments TCA6416ARTWR Datasheet HTML 8Page - Texas Instruments TCA6416ARTWR Datasheet HTML 9Page - Texas Instruments TCA6416ARTWR Datasheet HTML 10Page - Texas Instruments TCA6416ARTWR Datasheet HTML 11Page - Texas Instruments TCA6416ARTWR Datasheet HTML 12Page - Texas Instruments TCA6416ARTWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
1
2
SCL
3
4
5
6
7
8
SDA
A
A
A
Data 0
R/W
t
pv
9
0
0
0
0
0
0
0
1
0.7
0.0
Data 1
1.7
1.0 A
S
0
1
0
0
0
0
AD
DR
0
P
Slave Address
Command Byte
Data to Port 0
Data to Port 1
Start Condition
Acknowledge
From Slave
Write to Port
Data Out from Port 1
Data Out from Port 0
Data Valid
Acknowledge
From Slave
Acknowledge
From Slave
t
pv
TCA6416A
www.ti.com
SCPS194A – MAY 2009 – REVISED NOVEMBER 2009
Reset Input (RESET)
The RESET input can be asserted to initialize the system while keeping the VCCP at its operating level. A reset
can be accomplished by holding the RESET pin low for a minimum of tW. The TCA6416A registers and
I2C/SMBus state machine are changed to their default state once RESET is low (0). When RESET is high (1),
the I/O levels at the P port can be changed externally or through the master. This input requires a pullup resistor
to VCCI, if no active connection is used.
Interrupt Output (INT)
An interrupt is generated by any rising or falling edge of the port inputs in the input mode. After time tiv, the signal
INT is valid. Resetting the interrupt circuit is achieved when data on the port is changed to the original setting or
when data is read from the port that generated the interrupt. Resetting occurs in the read mode at the
acknowledge (ACK) or not acknowledge (NACK) bit after the rising edge of the SCL signal. Interrupts that occur
during the ACK or NACK clock pulse can be lost (or be very short) due to the resetting of the interrupt during this
pulse. Each change of the I/Os after resetting is detected and is transmitted as INT.
Reading from or writing to another device does not affect the interrupt circuit, and a pin configured as an output
cannot cause an interrupt. Changing an I/O from an output to an input may cause a false interrupt to occur, if the
state of the pin does not match the contents of the Input Port register.
The INT output has an open-drain structure and requires pullup resistor to VCCP or VCCI depending on the
application. INT should be connected to the voltage source of the device that requires the interrupt information.
Bus Transactions
Data is exchanged between the master and TCA6416A through write and read commands.
Writes
Data is transmitted to the TCA6416A by sending the device address and setting the least-significant bit (LSB) to
a logic 0 (see Figure 4 for device address). The command byte is sent after the address and determines which
register receives the data that follows the command byte. There is no limitation on the number of data bytes sent
in one write transmission.
The eight registers within the TCA6416A are configured to operate as four register pairs. The four pairs are input
ports, output ports, polarity inversion ports and configuration ports. After sending data to one register, the next
data byte is sent to the other register in the pair (see Figure 6 and Figure 7). For example, if the first byte is send
to Output Port 1 (register 3), the next byte is stored in Output Port 0 (register 2).
There is no limitation on the number of data bytes sent in one write transmission. In this way, each 8-bit register
may be updated independently of the other registers.
Figure 6. Write to Output Port Register
<br/>
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TCA6416A


Similar Part No. - TCA6416ARTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416ARTWR TI-TCA6416ARTWR Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6416ARTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com