Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA5405RUGR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TCA5405RUGR
Description  Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA5405RUGR Datasheet(HTML) 3 Page - Texas Instruments

  TCA5405RUGR Datasheet HTML 1Page - Texas Instruments TCA5405RUGR Datasheet HTML 2Page - Texas Instruments TCA5405RUGR Datasheet HTML 3Page - Texas Instruments TCA5405RUGR Datasheet HTML 4Page - Texas Instruments TCA5405RUGR Datasheet HTML 5Page - Texas Instruments TCA5405RUGR Datasheet HTML 6Page - Texas Instruments TCA5405RUGR Datasheet HTML 7Page - Texas Instruments TCA5405RUGR Datasheet HTML 8Page - Texas Instruments TCA5405RUGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TCA5405
www.ti.com
SCPS228
– MARCH 2011
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 1.65 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
1.65 V to 3.6 V
–1.2
V
VPOR
Power on reset voltage
VI = VCC or GND, IO = 0
1.65 V to 3.6 V
1
1.4
V
II
DIN
VI = VCC or GND
1.65 V to 3.6 V
±0.1
µA
ICC_STBY
Standby Supply Current
VI on DIN = VCC or GND, IO = 0
1.65 V to 3.6 V
1
2
µA
ICC_ACTIVE
Active current during startup and
400
µA
data transfer
CI
DIN
VI = VCC or GND
1.65 V to 3.6 V
6
7
pF
1.65 V
1.1
VOH
OUT-port high-level output voltage
IOH = –20 mA
2.3 V
1.7
V
3.6 V
2.5
1.65 V
0.6
VOL
OUT-port low-level output voltage
IOL = 20 mA
2.3 V
0.3
V
3.6 V
0.25
TIMING REQUIREMENTS
over recommended operating free-air temperature range, VCC = 1.65 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
tPER
DIN period
1.65 V to 3.6 V
0.001
10
ms
trise
DIN rise time
1.65 V to 3.6 V
100
ns
tfall
DIN fall time
1.65 V to 3.6 V
100
ns
fMIN
Maximum switching frequency on DIN
1.65 V to 3.6 V
1
MHz
fMAX
Minimum switching frequency on DIN
1.65 V to 3.6 V
10
kHz
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TCA5405


Similar Part No. - TCA5405RUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA5405RUGR TI1-TCA5405RUGR Datasheet
501Kb / 13P
[Old version datasheet]   Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
MARCH2011
More results

Similar Description - TCA5405RUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA5405 TI1-TCA5405 Datasheet
501Kb / 13P
[Old version datasheet]   Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
MARCH2011
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
logo
Integrated Silicon Solu...
IS61LPS51236B ISSI-IS61LPS51236B Datasheet
1Mb / 33P
   Internal self-timed write cycle
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
   Self-Timed Byte Write Cycle
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
   Internally self-timed WRITE cycle
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
   Interally self-timed WRITE cycle
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
National Instruments Co...
NI670X NI-NI670X Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
logo
Princeton Technology Co...
PT6999 PTC-PT6999 Datasheet
44Kb / 3P
   Output Expander
logo
Kinetic Technologies.
KTS1620 KINETIC-KTS1620 Datasheet
1Mb / 30P
   Low Voltage 24-Bit I2C-bus I/O Expander
September 2018 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com