Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C1167 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65C1167
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C1167 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65C1167_09 Datasheet HTML 2Page - Texas Instruments SN65C1167_09 Datasheet HTML 3Page - Texas Instruments SN65C1167_09 Datasheet HTML 4Page - Texas Instruments SN65C1167_09 Datasheet HTML 5Page - Texas Instruments SN65C1167_09 Datasheet HTML 6Page - Texas Instruments SN65C1167_09 Datasheet HTML 7Page - Texas Instruments SN65C1167_09 Datasheet HTML 8Page - Texas Instruments SN65C1167_09 Datasheet HTML 9Page - Texas Instruments SN65C1167_09 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN65C1167
SN75C1167, SN65C1168, SN75C1168
SLLS159F – MARCH 1993 – REVISED NOVEMBER 2009
www.ti.com
DRIVER SECTION
Electrical Characteristics
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
Input clamp voltage
II = −18 mA
−1.5
V
VIL = 0.8
VOH
High-level output voltage
VIH = 2 V,
IOH = −20 mA
2.4
3.4
V
V,
VIL = 0.8
VOL
Low-level output voltage
VIH = 2 V,
IOL = 20 mA
0.2
0.4
V
V,
|VOD1|
Differential output voltage
IO = 0 mA
2
6
V
|VOD2|
Differential output voltage (1)
2
3.1
V
Change in magnitude of differential
∆|VOD|
±0.4
V
output voltage
RL = 100 Ω, See Figure 1
VOC
Common-mode output voltage
±3
V
Change in magnitude of common-mode
∆|VOC|
±0.4
V
output voltage
VO = 6 V
100
IO(OFF)
Output current with power off
VCC = 0 V
µA
VO = −0.25 V
−100
VO = 2.5 V
20
IOZ
High-impedance-state output current
µA
VO = 5 V
−20
IIH
High-level input current
VI = VCC or VIH
1
µA
IIL
Low-level input current
VI = GND or VIL
−1
µA
IOS
Short-circuit output current(3)
VO = VCC or GND,
−30
−150
mA
VI = VCC or GND
4
6
No load,
ICC
Supply current (total package)(4)
mA
Enabled
VI = 2.4 or 0.5 V
5
3
Ci
Input capacitance
6
pF
(1)
Refer to TIA/EIA-422-B for exact conditions.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
(3)
Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
(4)
This parameter is measured per input, while the other inputs are at VCC or GND.
Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Propagation delay time, high- to low-level
R1 = R2 = 50
Ω,
R3 = 500
Ω,
tPHL
7
12
ns
output
C1 = C2 = C3 = 40 pF,
S1 is open,
See Figure 2
Propagation delay time, low- to high-level
tPLH
7
12
ns
output
tsk(p)
Pulse skew
0.5
4
ns
tr
Rise time
R1 = R2 = 50
Ω,
R3 = 500
Ω,
5
10
ns
C1 = C2 = C3 = 40 pF,
S1 is open,
tf
Fall time
5
10
ns
SeeFigure 3
tPZH
Output enable time to high level
R1 = R2 = 50
Ω,
R3 = 500
Ω,
10
19
ns
C1 = C2 = C3 = 40 pF,
S1 is closed,
tPZL
Output enable time to low level
10
19
ns
See Figure 4
tPHZ
Output disable time from low level
R1 = R2 = 50
Ω,
R3 = 500
Ω,
7
16
ns
C1 = C2 = C3 = 40 pF,
S1 is closed,
tPLZ
Output disable time from high level
7
16
ns
See Figure 4
(1)
All typical values are at VCC = 5 V, and TA = 25°C.
6
Submit Documentation Feedback
Copyright © 1993–2009, Texas Instruments Incorporated
Product Folder Link(s): SN65C1167 SN75C1167 SN65C1168 SN75C1168


Similar Part No. - SN65C1167_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN65C1167_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com