Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8843PWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8843PWPR
Description  DUAL H-BRIDGE DRIVER IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8843PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8843PWPR Datasheet HTML 4Page - Texas Instruments DRV8843PWPR Datasheet HTML 5Page - Texas Instruments DRV8843PWPR Datasheet HTML 6Page - Texas Instruments DRV8843PWPR Datasheet HTML 7Page - Texas Instruments DRV8843PWPR Datasheet HTML 8Page - Texas Instruments DRV8843PWPR Datasheet HTML 9Page - Texas Instruments DRV8843PWPR Datasheet HTML 10Page - Texas Instruments DRV8843PWPR Datasheet HTML 11Page - Texas Instruments DRV8843PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
xOUT1
xOUT2
1
2
3
Forward drive
Slow decay
Fast decay
VM
1
2
1
2
3
Reverse drive
Slow decay
Fast decay
xOUT1
xOUT2
3
VM
1
2
3
FORWARD
REVERSE
DRV8843
SLVSAS8A
– APRIL 2011 – REVISED MAY 2011
www.ti.com
Bridge Control
The AIN1 and AIN2 input pins directly control the state of the AOUT1 and AOUT2 outputs; similarly, the BIN1
and BIN2 input pins directly control the state of the BOUT1 and BOUT2 outputs. Either input can also be used
for PWM control of the load. Table 2 shows the logic.
Table 2. H-Bridge Logic
xIN1
xIN2
xOUT1
xOUT2
0
0
Z
Z
0
1
L
H
1
0
H
L
1
1
L
L
The inputs can also be used for PWM control of the motor speed. When controlling a winding with PWM, when
the drive current is interrupted, the inductive nature of the motor requires that the current must continue to flow.
This is called recirculation current. To handle this recirculation current, the H-bridge can operate in two different
states, fast decay or slow decay. In fast decay mode, the H-bridge is disabled and recirculation current flows
through the body diodes; in slow decay, the motor winding is shorted.
To PWM using fast decay, the PWM signal is applied to one xIN pin while the other is held low; to use slow
decay, one xIN pin is held high.
The control inputs have internal pulldown resistors of approximately 100 k
Ω.
Table 3. PWM Function
xIN1
xIN2
FUNCTION
PWM
0
Forward PWM, fast decay
1
PWM
Forward PWM, slow decay
0
PWM
Reverse PWM, fast decay
PWM
1
Reverse PWM, slow decay
The drawings below show the current paths in different drive and decay modes:
Figure 2. Current Paths
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DRV8843


Similar Part No. - DRV8843PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8843PWPR TI1-DRV8843PWPR Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
More results

Similar Description - DRV8843PWPR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver IC
DRV8841 TI1-DRV8841 Datasheet
661Kb / 18P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H660FTG TOSHIBA-TC78H660FTG Datasheet
513Kb / 26P
   Dual H Bridge driver IC
2020-07-14
logo
Texas Instruments
DRV8843 TI-DRV8843_15 Datasheet
910Kb / 20P
[Old version datasheet]   DUAL H-BRIDGE DRIVER IC
logo
Toshiba Semiconductor
TC78H660FNG TOSHIBA-TC78H660FNG Datasheet
637Kb / 26P
   Dual H Bridge driver IC
2020-09-08
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com