Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N2222AC1 Datasheet(PDF) 4 Page - Seme LAB

Part No. 2N2222AC1
Description  SILICON PLANAR EPITAXIAL NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2222AC1 Datasheet(HTML) 4 Page - Seme LAB

  2N2222AC1 Datasheet HTML 1Page - Seme LAB 2N2222AC1 Datasheet HTML 2Page - Seme LAB 2N2222AC1 Datasheet HTML 3Page - Seme LAB 2N2222AC1 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SILICON PLANAR
EPITAXIAL NPN TRANSISTOR
2N2222AC1
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8359
Issue 2
Page 4 of 4
SCREENING OPTIONS
Space Level (JQRS/ESA) and High Reliability options are
available in accordance with the High Reliability and
Screening Options Handbook available for download from
the from the TT electronics Semelab web site.
ESA Quality Level Products are based on the testing
procedures specified in the generic ESCC 5000 and in the
corresponding part detail specifications.
Semelabs QR216 and QR217 processing specifications
(JQRS), in conjunction with the companies ISO 9001:2000
approval present a viable alternative to the American MIL-
PRF-19500 space level processing.
QR217 (Space Level Quality Conformance) is based on the
quality conformance inspection requirements of MIL-PRF-
19500 groups A (table V), B (table VIa), C (table VII) and
also ESA / ESCC 5000 (chart F4) lot validation tests.
QR216 (Space Level Screening) is based on the screening
requirements of MIL-PRF-19500 (table IV) and also ESA
/ESCC 5000 (chart F3).
JQRS parts are processed to the device data sheet and
screened to QR216 with conformance testing to Q217
groups A and B in accordance with MIL-STD-750 methods
and procedures.
Additional conformance options are available, for example
Pre-Cap Visual Inspection, Buy-Off Visit or Data Packs.
These are chargeable and must be specified at the order
stage
(See
Ordering
Information).
Minimum
order
quantities may apply.
Alternative or additional customer specific conformance or
screening requirements would be considered. Contact
Semelab sales with enquires.
MARKING DETAILS
Screened parts are typically marked with specification
number, serial number (or week of seal) as shown in the
example below. All non screened parts are printed with
three characters only eg. 22A.
Customer specific marking requirements can be arranged at
time of order but is approximately limited to two lines of
7 Characters. This is to ensure text remains readable..
Example Marking:
ORDERING INFORMATION
Part number is built from part, package variant and
screening level. The part number can be extended to
include the additional options as shown below.
Type – See Electrical Stability Characteristics Table
Package Variant – See Mechanical Data
Screening Level – See Screening Options (ESA / JQRS)
Additional Options:
Customer Pre-Cap Visual Inspection
.CVP
Customer Buy-Off visit
.CVB
Data Pack
.DA
Solderability Samples
.SS
Scanning Electron Microscopy
.SEM
Radiography (X-ray)
.XRAY
Total Dose Radiation Test
.RAD
MIL-PRF-19500 (QR217)
Group B charge
.GRPB
Group B destructive mechanical samples
.GBDM (12 pieces)
Group C charge
.GRPC
Group C destructive electrical samples
.GCDE (12 pieces)
Group C destructive mechanical samples
.GCDM (6 pieces)
ESA/ESCC
Lot Validation Testing (subgroup 1) charge
.LVT1
LVT1 destructive samples (environmental)
.L1DE (15 pieces)
LVT1 destructive samples (mechanical)
.L1DM (15 pieces)
Lot Validation Testing (subgroup 2) charge
.LVT2
LVT2 endurance samples (electrical)
.L2D (15 pieces)
Lot Validation Testing (subgroup 3) charge
.LVT3
LVT3 destructive samples (mechanical)
.L3D (5 pieces)
Additional Option Notes:
1) All ‘Additional Options’ are chargeable and must be specified at order stage.
2) When Group B,C or LVT is required, additional electrical and mechanical destructive
samples must be ordered
3) All destructive samples are marked the same as other production parts unless
otherwise requested.
Example ordering information:
The following example is for the 2N2222AC1 part, package
variant B, JQRS screening, additional Group C conformance
testing and a Data pack.
Part Numbers:
2N2222AC1B-JQRS (Include quantity for flight parts)
2N2222AC1B-JQRS.GRPC (chargeable conformance option)
2N2222AC1B-JQRS.GCDE (charge for destructive parts)
2N2222AC1B-JQRS.GCDM (charge for destructive parts)
2N2222AC1B-JQRS.DA (charge for Data pack)
Customers with any specific requirements (e.g. marking,
package or screening) may be supplied with a similar
alternative part number (there is maximum 20 character
limit to part numbers). Contact Semelab sales with all
enquiries
High Reliability and Screening Options Handbook link: http://www.semelab.co.uk/pdf/misc/documents/hirel_and_screening_options.pdf


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn