Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2D-L Datasheet(PDF) 3 Page - Micro Commercial Components

Part # S2D-L
Description  1.5 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S2D-L Datasheet(HTML) 3 Page - Micro Commercial Components

  S2D-L Datasheet HTML 1Page - Micro Commercial Components S2D-L Datasheet HTML 2Page - Micro Commercial Components S2D-L Datasheet HTML 3Page - Micro Commercial Components S2D-L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
100
4
0
10
20
30
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
40
50
60
Figure 5
New SMA Assembly
Round Lead
S2A
-L thru S2M-L
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - S2D-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S2D-L MCC-S2D-L Datasheet
114Kb / 4P
   2.0 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
S2D-LT MCC-S2D-LT Datasheet
940Kb / 4P
   1.5 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
S2D-LTP MCC-S2D-LTP Datasheet
940Kb / 4P
   1.5 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S2D-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S2D-LTP MCC-S2D-LTP Datasheet
940Kb / 4P
   1.5 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
1N5391GP MCC-1N5391GP_13 Datasheet
451Kb / 4P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N5391GP MCC-1N5391GP Datasheet
78Kb / 3P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
logo
Shanghai Lunsure Electr...
1N5391GP CHENYI-1N5391GP Datasheet
48Kb / 3P
   1.5 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP_11 Datasheet
429Kb / 4P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
KBP005M MCC-KBP005M Datasheet
721Kb / 3P
   1.5 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_13 Datasheet
780Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
S2A-L MCC-S2A-L_14 Datasheet
114Kb / 4P
   2.0 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com