Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM9933D Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSM9933D
Description  20V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9933D Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TSM9933D_08 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM9933D_08 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9933D_08 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM9933D_08 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM9933D_08 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM9933D_08 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TSM9933D
20V P-Channel MOSFET
6/6
Version: C07
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to any
intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of sale for
such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale
and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability,
or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers
using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for
any damages resulting from such improper use or sale.


Similar Part No. - TSM9933D_08

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9933DCS TSC-TSM9933DCS Datasheet
217Kb / 6P
   -20V P-Channel Power MOSFET
TSM9933DCSRL TSC-TSM9933DCSRL Datasheet
375Kb / 6P
   20V P-Channel MOSFET
TSM9933DCSRL TSC-TSM9933DCSRL Datasheet
217Kb / 6P
   -20V P-Channel Power MOSFET
TSM9933DCSRLG TSC-TSM9933DCSRLG Datasheet
217Kb / 6P
   -20V P-Channel Power MOSFET
TSM9933D TSC-TSM9933D_14 Datasheet
217Kb / 6P
   -20V P-Channel Power MOSFET
More results

Similar Description - TSM9933D_08

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com