Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRS1341 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LRS1341
Description  Stacked Chip 16M Flash Memory and 2M SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LRS1341 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LRS1341 Datasheet HTML 4Page - Sharp Corporation LRS1341 Datasheet HTML 5Page - Sharp Corporation LRS1341 Datasheet HTML 6Page - Sharp Corporation LRS1341 Datasheet HTML 7Page - Sharp Corporation LRS1341 Datasheet HTML 8Page - Sharp Corporation LRS1341 Datasheet HTML 9Page - Sharp Corporation LRS1341 Datasheet HTML 10Page - Sharp Corporation LRS1341 Datasheet HTML 11Page - Sharp Corporation LRS1341 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LRS1341/LRS1342
Stacked Chip (16M Flash & 2M SRAM)
8
Data Sheet
DC CHARACTERISTICS
TA = -25°C to + 85°C, VCC = 2.7 V to 3.6 V
NOTES:
1. Reference values at VCC = 3.0 V and TA = +25°C.
2. Includes F-RY/BY.
3. Automatic Power Savings (APS) for Flash Memory reduces typi-
cal ICCR to 3 mA at 2.7 VCC in static operation.
4. CMOS inputs are either VCC ± 0.2 V or GND ± 0.2 V. TTL inputs
are either VIL or VIH.
5. Block erases and word writes are inhibited when F-VPP ≤VPPLK and
not guaranteed in the range between VPPLK (MAX.) and VPPH
(MIN.), and above VPPH (MAX.).
6. F-RP connection to a VHH supply is allowed for a maximum cumu-
lative period of 80 hours.
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.1
MAX.
UNIT
NOTES
Input leakage current
ILI
VIN = VCC or GND
-1.5
+1.5
µA
Output leakage current
ILO
VOUT = VCC or GND
-1.5
+1.5
µA
F-VCC
Standby Current
ICCS
F-CE = F-RP = F-VCC ± 0.2 V
F-WP = F-VCC ± 0.2 V
or F-GND ± 0.2 V
25
50
µA
2
F-CE = F-RP = VIH, F-WP = VIH or VIL
0.2
2
mA
Deep Power-Down Current
ICCD
F-RP = F-GND ± 0.2 V,
IOUT (F-RY/BY) = 0 mA
510
µA
Read Current
ICCR
CMOS input, F-CE = F-GND,
f = 5 MHz, IOUT = 0 mA
25
mA
3, 4
TTL input, F-CE = F-GND,
f = 5 MHz, IOUT = 0 mA
30
mA
3, 4
Word Write Current
ICCW
F-VPP = 2.7 V to 3.6 V
17
mA
F-VPP = 11.4 V to 12.6 V
12
mA
Block Erase Current
ICCE
F-VPP = 2.7 V to 3.6 V
17
mA
F-VPP = 11.4 V to 12.6 V
12
mA
Word Write Block Erase
Suspend Current
ICCWS
ICCES
F-CE = VIH
6mA
F-VPP
Standby or Read Current
IPPS
IPPR
F-VPP = F-VCC
±2
±15
µA
F-VPP > F-VCC
10
200
µA
Deep Power-Down Current
IPPD
F-RP = F-GND ± 0.2 V
0.1
5
µA
Word Write Current
IPPW
F-VPP = 2.7 V to 3.6 V
12
40
mA
F-VPP = 11.4 V to 12.6 V
30
mA
Block Erase Current
IPPE
F-VPP = 2.7 V to 3.6 V
8
25
mA
F-VPP = 11.4 V to 12.6 V
20
mA
Word Write or Block Erase
Suspend Current
IPPWS
IPPES
F-VPP = VPPH
10
200
µA
S-VCC
Standby Current
ISB
S-CE1, S-CE2 ≥ S-VCC - 0.2 V
or S-CE2 ≤0.2 V
45
µA
ISB1
S-CE1 = VIH or S-CE2 = VIL
3mA
Operation Current
ICC1
S-CE1 = VIL, S-CE2 = VIH, VIN = VIL or
VIH, tCYCLE = MIN., II/O = 0 mA
45
mA
ICC2
S-CE1 = 0.2 V, S-CE2 = S-VCC - 0.2 V,
VIN = S-VCC - 0.2 V, or 0.2 V
tCYCLE = 1 µs, II/O = 0 mA
8mA
Input LOW Voltage
VIL
-0.2
0.6
V
Input HIGH Voltage
VIH
2.2
VCC + 0.2
V
Output LOW Voltage
VOL
IOL = 0.5 mA
0.4
V
2
Output HIGH Voltage (CMOS)
VOH1
IOH = -0.5 mA
2.2
V
2
F-VPP Lockout during Normal Operations
VPPLK
1.5
V
5
F-VPP Word Write or Block Erase
Operations
VPPH1
2.7
3.6
V
VPPH2
11.4
12.6
V
F-VCC Lockout Voltage
VLKO
1.5
V
F-RP Unlock Voltage
VHH
Unavailable F-WP
11.4
12.6
V
6


Similar Part No. - LRS1341

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1302 SHARP-LRS1302 Datasheet
3Mb / 61P
   Stacked Chip 8M Flash and 1M SRAM
LRS13023 SHARP-LRS13023 Datasheet
3Mb / 61P
   Stacked Chip 8M Flash and 1M SRAM
LRS1329 SHARP-LRS1329 Datasheet
1Mb / 27P
   Stacked Chip 16M Flash and 2M SRAM
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
   Stacked Chip 16M Flash Memory and 4M SRAM
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
   Stacked Chip 32M Flash Memory and 4M SRAM
More results

Similar Description - LRS1341

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1329 SHARP-LRS1329 Datasheet
1Mb / 27P
   Stacked Chip 16M Flash and 2M SRAM
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
   Stacked Chip 16M Flash Memory and 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
   Stacked Chip 8M Flash Memory and 2M SRAM
LHF16C17 SHARP-LHF16C17 Datasheet
2Mb / 48P
   16M Flash Memory 2M (횞8)
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
   Stacked Chip 32M Flash Memory and 4M SRAM
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Macronix International
MX69F1602 MCNIX-MX69F1602 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
logo
Advanced Micro Devices
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com