Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM4N60CHC5G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4N60CHC5G
Description  600V N-Channel Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4N60CHC5G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4N60CHC5G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4N60CHC5G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4N60CHC5G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4N60CHC5G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4N60CHC5G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4N60CHC5G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM4N60CHC5G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM4N60CHC5G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM4N60CHC5G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSM4N60
600V N-Channel Power MOSFET
2/11
Version: D10
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance
Junction to Case
TO-220 / TO-251 / TO-252
JC
1.78
oC/W
ITO-220
5
Thermal Resistance
Junction to Ambient
TO-220 / ITO-220
JA
62.5
oC/W
TO-251 / TO-252
100
Notes: Surface mounted on FR4 board t ≤ 10sec
Electrical Specifications (Ta=25
oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
600
--
--
V
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
IDSS
--
--
10
uA
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
On Characteristics
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
2.0
--
4.0
V
Drain-Source On-State Resistance
VGS = 10V, ID = 2A
RDS(ON)
--
2
2.5
Dynamic Characteristics
Total Gate Charge
VDS = 480V, ID = 4A,
VGS = 10V
Qg
--
15
20
nC
Gate-Source Charge
Qgs
--
2.8
--
Gate-Drain Charge
Qgd
--
6.2
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
545
710
pF
Output Capacitance
Coss
--
60
80
Reverse Transfer Capacitance
Crss
--
8
11
Turn-On Delay Time
VGS = 10V, ID = 4A,
VDD = 300V, RG = 25
td(on)
--
10
30
nS
Turn-On Rise Time
tr
--
35
80
Turn-Off Delay Time
td(off)
--
45
100
Turn-Off Fall Time
tf
--
40
90
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Integral Reverse p-n Junction
Diode in the MOSFET
IS
--
--
4
A
Pulse Source Current
ISM
--
--
16
Diode Forward Voltage
IS = 4A, VGS = 0V
VSD
--
--
1.4
V
Reverse Recovery Time
IS = 4A, VGS = 0V
dlF/dt=100A/us
trr
--
300
--
nS
Reverse Recovery Charge
Qrr
--
2.2
--
uC
Notes:
a.
Pulse test: pulse width <=300uS, duty cycle <=2%
b.
Essentially Independent of Operating Temperature.
c.
VDD = 50V, IAS=4A, L=27.5mH, RG=25 , Starting TJ = 25
oC
d.
Pulse width limited by junction temperature
e.
ISD ≤ 4A, di/dt ≤ 200A/us, VDD ≤ BVDSS) Starting TJ=25ºC


Similar Part No. - TSM4N60CHC5G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4N60CHC5 TSC-TSM4N60CHC5 Datasheet
477Kb / 9P
   600V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM4N60CHC5 VBSEMI-TSM4N60CHC5 Datasheet
2Mb / 9P
   N-Channel 650 V (D-S)Power MOSFET
More results

Similar Description - TSM4N60CHC5G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com