Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM5ND50 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM5ND50
Description  500V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM5ND50 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM5ND50_11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM5ND50_11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM5ND50_11 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM5ND50_11 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM5ND50_11 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM5ND50_11 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM5ND50_11 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM5ND50_11 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM5ND50_11 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM5ND50
500V N-Channel Power MOSFET
2/9
Version: F11
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
500
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 2.2A
RDS(ON)
--
1.2
1.5
Gate Threshold Voltage
VDS = VGS, ID = 50uA
VGS(TH)
3.0
--
4.8
V
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
IDSS
--
--
1
uA
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±10
uA
Forward Transconductance
VDS = 15V, ID = 2.2A
gfs
--
3.1
--
S
Dynamic
b
Total Gate Charge
VDS = 250V, ID = 4.4A,
VGS = 10V
Qg
--
20
--
nC
Gate-Source Charge
Qgs
--
4
--
Gate-Drain Charge
Qgd
--
10
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
535
--
pF
Output Capacitance
Coss
--
75
--
Reverse Transfer Capacitance
Crss
--
17
--
Switching
c
Turn-On Delay Time
VGS = 10V, ID = 4.4A,
VDD = 250V, RG = 25
td(on)
--
21.6
--
nS
Turn-On Rise Time
tr
--
11.7
--
Turn-Off Delay Time
td(off)
--
14.5
--
Turn-Off Fall Time
tf
--
4.5
--
Source Drain Diode
Source-drain Current
ISD
--
--
4.4
A
Diode Forward Voltage
IS = 4.4A, VGS = 0V
VSD
--
0.82
1.2
V
Reverse Recovery Time
VDD = 30V, ISD = 4.4A,
dIF/dt = 100A/us.
TJ=150ºC
trr
--
310
--
nS
Reverse Recovery Charge
Qrr
--
1425
--
nC
Reverse Recovery Current
IRRM
--
9.2
--
A
Notes:
1.
Pulse test: pulse width ≤300uS, duty cycle ≤2%
2.
ISD<4.4A, di/dt<200A/us, VDD<BVDSS
3.
Starting VDD = 50V, IAS=4.4A, TJ=25ºC
4.
For design reference only, not subject to production testing.
5.
Switching time is essentially independent of operating temperature.


Similar Part No. - TSM5ND50_11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
   N-Channel Power MOSFET 500V, 5A, 1.5廓
TSM5ND50CPRO TSC-TSM5ND50CPRO Datasheet
319Kb / 8P
   500V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM5ND50CPRO VBSEMI-TSM5ND50CPRO Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - TSM5ND50_11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
TSM9N50 TSC-TSM9N50 Datasheet
219Kb / 7P
   500V N-Channel Power MOSFET
TSM6N50 TSC-TSM6N50 Datasheet
387Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com