Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS9011CTB0 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9011CTB0
Description  250mA Low Quiescent Current CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011CTB0 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9011CTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011CTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011CTB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011CTB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9011CTB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9011CTB0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9011CTB0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS9011
250mA Low Quiescent Current CMOS LDO
3/3
Version: E07
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Figure 1. Output Voltage vs. Output Current
Figure 2. Output Voltage vs. Input Voltage
Figure 3. Quiescent Current vs. Input Voltage
Figure 4. Short Circuit Current vs. Input Voltage


Similar Part No. - TS9011CTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
TS9011 TSC-TS9011 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS90115CT TSC-TS90115CT Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
TS90115CX TSC-TS90115CX Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
More results

Similar Description - TS9011CTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCY TSC-TS9011PCY Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
logo
TECH PUBLIC Electronics...
TPS7B69 TECHPUBLIC-TPS7B69 Datasheet
3Mb / 7P
   250mA, 40V Ultralo-Quiescent-Current LDO
logo
Richtek Technology Corp...
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com