Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5214CYRM Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS5214CYRM
Description  300mA Low Noise LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5214CYRM Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS5214CYRM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5214CYRM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5214CYRM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5214CYRM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5214CYRM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5214CYRM Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5214CYRM Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5214CYRM Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS5214
300mA Low Noise LDO Voltage Regulator
2/8
Version: E07
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-20~ +20
V
Input Supply Voltage (Recommend)
VIN
+2.5 ~ +16
V
Power Dissipation (Note 2)
PD
Internal limited
SOT-23
220
SOT-89
180
SOT-223
130
Thermal Resistance
SOP-8
ӨJA
160
oC/W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Electrical Specification (VIN =Vo+1V, Io=100uA, COUT=1uF, Vce≥2V, TJ = 25oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
VIN =Vo + 1V
0.97|Vo|
1.03|Vo|
Output Voltage
VIN =Vo + 1V, Io= 120mA
0.96|Vo|
VOUT
1.04|Vo|
V
Output Voltage Temp. Coefficient
(Note 4)
--
50
--
ppm/
oC
Line Regulation
Vo+1V ≤ VIN ≤ 16V
--
0.1
0.5
%
Load Regulation (Note 5)
0.1mA ≤ Io ≤ 120mA
--
1
2
%
Io=100uA
--
20
--
Io=50mA
--
250
300
Io=150mA
--
350
400
Dropout Voltage (Note 6)
Io=300mA (5V version)
--
450
500
mV
Io=100uA
--
110
150
Io=50mA
--
500
1000
Io=150mA
--
2600
3100
Ground Pin Current (Note 7)
Io=300mA (5V version)
--
3500
4200
uA
Output Current Limit
VOUT =0V
150
200
--
mA
Power Supply Rejection Ratio
At f=100Hz, Io=100uA,
--
75
--
dB
Thermal Regulation (Note 8)
--
0.05
--
%/W
Output Noise
Io=50mA, COUT =2.2uF,
--
260
--
nV√Hz
Note:
1. Exceeding the absolute maximum rating may damage the device.
2. The maximum allowable power dissipation at any Ta is Pd(max) = [TJ (max) - Ta] + ӨJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
3. The device is not guaranteed to function outside its operating rating.
4: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for
load regulation in the load range from 1mA to 300mA (5V version) and 1mA to 120mA (VOUT <5V version). Changes
in output voltage due to heating effects are covered by the thermal regulation specification.
6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential.
7: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from
the supply is the sum of the load current plus the ground pin current.
8: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is
applied, excluding load or line regulation effects. Specifications are for a 300mA load pulse at Vin=16V for t=10mS.


Similar Part No. - TS5214CYRM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5214CY TSC-TS5214CY Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
More results

Similar Description - TS5214CYRM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com