Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCY70 Datasheet(PDF) 2 Page - Seme LAB

Part # BCY70
Description  GENERAL PURPOSE PNP SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY70 Datasheet(HTML) 2 Page - Seme LAB

  BCY70 Datasheet HTML 1Page - Seme LAB BCY70 Datasheet HTML 2Page - Seme LAB BCY70 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BCY70
BCY71
BCY72
Document Number 3297
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VCE = -20V
VCE = -50V
VCE = -20V
VCE = -45V
VCE = -20V
VCE = -25V
VEB = -5V
IC = -10mA
IB = -1mA
IC = -50mA
IB = -5mA
IC = -10mA
IB = -1mA
BCY70 AND BCY71 ONLY
IC = -50mA
IB = -5mA
BCY70
IC = -0.1mA
VCE = -1V
IC = -1mA
VCE = -1V
IC = -10mA
VCE = -1V
IC = -50mA
VCE = -1V
BCY71
IC = -0.01mA VCE = -1V
IC = -0.1mA
VCE = -1V
IC = -1mA
VCE = -1V
IC = -10mA
VCE = 1V
IC = -50mA
VCE = -1V
BCY72
IC = -1mA
VCE = - 1V
IC = -10mA
VCE = -1V
IC = -1mA
VCE = -10V
f = 1KHz
IC = -0.1mA
VCE = -20V
f = 10.7MHz
BCY71
IC = -10mA
VCE = -20V
f = 100MHz
BCY70
BCY71 and BCY72
IC = 0
VEB = -1V
f = 1MHz
IE = 0
VCB = -10V
f = 1MHz
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
ICES
Collector Cut-off Current (VBE = 0)
IEBO
Emitter Cutoff Current (IC = 0)
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
hfe
Small Signal Current
fT
Transition Frequency
CEBO
Emitter-Base Capacitance
CCBO
Collector-Base Capacitance
-10
-500
-100
-10
-100
-10
-10
-0.25
-0.5
-0.6
-0.9
-1.2
40
45
50
15
60
80
90
100
600
15
40
50
100
400
15
250
200
8
6
nA
nA
µA
nA
µA
µA
V
V
MHz
pF
BCY70
BCY71
BCY72


Similar Part No. - BCY70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY70 PHILIPS-BCY70 Datasheet
51Kb / 8P
   PNP general purpose transistors
1997 Jul 11
logo
STMicroelectronics
BCY70 STMICROELECTRONICS-BCY70 Datasheet
133Kb / 5P
   GENERAL PURPOSE AMPLIFIERS
logo
Micro Electronics
BCY70 MICRO-ELECTRONICS-BCY70 Datasheet
173Kb / 2P
   PNP SILICON TRANSISTORS
logo
Central Semiconductor C...
BCY70 CENTRAL-BCY70 Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Comset Semiconductor
BCY70 COMSET-BCY70 Datasheet
150Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BCY70

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com