Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1117BCZC0G Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS1117BCZC0G
Description  1A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117BCZC0G Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1117BCZC0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117BCZC0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117BCZC0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117BCZC0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117BCZC0G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117BCZC0G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117BCZC0G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117BCZC0G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1117BCZC0G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS1117B
1A Low Dropout Positive Voltage Regulator
4/9
Version: C07
Application Information
Figure 6 – D
2PAK Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length
Figure 7 – DPAK Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length
Figure 8 – SOT-223 Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length


Similar Part No. - TS1117BCZC0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1117BCZXXC0 TSC-TS1117BCZXXC0 Datasheet
514Kb / 9P
   800mA Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1117BCZC0G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com