Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1117CWRP Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS1117CWRP
Description  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117CWRP Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1117CWRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117CWRP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS1117
1A Low Dropout Positive Voltage Regulator
5/8
Version: C11
TO-252 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L
= Lot Code
XX
= Voltage Code
(1.5=1.5V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CP = TO-252)
TO-252 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
2.30 BSC
0.090 BSC
B
10.20
10.80
0.402
0.425
C
5.30
5.70
0.209
0.224
D
6.30
6.70
0.248
0.264
E
2.10
2.50
0.083
0.098
F
0.00
0.20
0.000
0.008
G
4.80
5.20
0.189
0.205
G1
0.40
0.80
0.016
0.031
H
0.40
0.60
0.016
0.024
H1
0.35
0.65
0.014
0.026
J
3.35
3.65
0.132
0.144
K
0.50
1.10
0.020
0.043
L
0.90
1.50
0.035
0.059
M
1.30
1.70
0.051
0.067


Similar Part No. - TS1117CWRP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1117CW TSC-TS1117CW Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CW-18 TSC-TS1117CW-18 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CW-25 TSC-TS1117CW-25 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CW-33 TSC-TS1117CW-33 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CW-50 TSC-TS1117CW-50 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1117CWRP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com