Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS25P05G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS25P05G
Description  Single Phase 25.0 Amps. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS25P05G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS25P05G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS25P05G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recoganized File #E-326243
Glass passivated junction
High case dielectric strength of 2500VRMS
Typical IR less than 0.1uA
High surge current capability to 350A
Mechanical Data
TS25P0XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
TS25P
01G
TS25P
02G
TS25P
03G
TS25P
04G
TS25P
05G
TS25P
06G
TS25P
07G
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
I
2TA2S
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
High temperature soldering guaranteed:
260℃/10 seconds at 5 lbs.,(2.3kg) tension
VF
1.0
1.1
Dimensions in inches and (millimeters)
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
IFSM
25
Rating of fusing ( t<8.3ms)
508
Maximum Instantaneous Forward Voltage @ 12.5A
(Note 1)
@ 25.0A
Case: Molded plastic body
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
uA
10
500
Typical Junction Capacitance per leg (Note 2)
140
Note 2 : Measured at 1MHz and applied Reverse bias of 4.0V DC.
Note 1 : Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
Version:H11
6.5
TS25P01G - TS25P07G
Marking Diagram
TS-6P
V
Single Phase 25.0 Amps. Glass Passivated Bridge Rectifiers
Features
Ideal for printed circuit board
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC mrthod)
350
A
Weight: 7.15 grams
Typical Thermal Resistance
Type Number
Maximum Average Forward Rectified Current@TC=100℃
Mounting Torque : 8.17 in-lbs Max.
- 55 to + 150
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - TS25P05G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS25P05G TSC-TS25P05G Datasheet
48Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P05G TSC-TS25P05G Datasheet
115Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P05G TSC-TS25P05G Datasheet
338Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P05G TSC-TS25P05G Datasheet
262Kb / 4P
   Glass Passivated Bridge Rectifiers
TS25P05G TSC-TS25P05G Datasheet
211Kb / 4P
   25A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - TS25P05G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS25P01G TSC-TS25P01G_09 Datasheet
338Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G Datasheet
48Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_1 Datasheet
115Kb / 2P
   Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
KBP301G ETC-KBP301G Datasheet
116Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBL401G TSC-KBL401G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
TS20P01G TSC-TS20P01G Datasheet
50Kb / 2P
   Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001 Datasheet
49Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
DBL201G TSC-DBL201G Datasheet
109Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
KBP155G ETC1-KBP155G Datasheet
52Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com