Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF1660 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRF1660
Description  16.0AMPS. Isolated Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRF1660 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRF1660 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRF1660 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:F11
RATINGS AND CHARACTERISTIC CURVES (SRF1620 THRU SRF16150)
FIG.1 FORWARD CURRENT DERATING CURVE
0
4
8
12
16
20
0
25
50
75
100
125
150
LEAD TEMPERATURE (
oC)
SRF1660 - 16150
SRF1620 - 1650
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 4 TYPICAL REVERSE
CHARACTERISTICS
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TA=25℃
TA=100℃
TA=75℃
FIG. 5 TYPICAL JUNCTION CAPACITANCE
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
SRF1620-1640
SRF1650-1660
SRF1690-16150
FIG. 3 TYPICAL FORWARD
CHARACTERISTICS
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
FORWARD VOLTAGE (V)
SRF1620-1640
SRF1650-1660
SRF16150
SRF1690-16100
FIG. 6 TYPICAL TRANSIENT THERMAL
IMPEDANCE
0.1
1
10
100
0.01
0.1
1
10
100
T-PILSE DURATION(s)


Similar Part No. - SRF1660

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SRF1660 CHENYI-SRF1660 Datasheet
138Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SRF1660 TSC-SRF1660 Datasheet
112Kb / 2P
   Isolation 16.0 AMPS. Schottky Barrier Rectifiers
SRF1660 TSC-SRF1660 Datasheet
205Kb / 2P
   Isolated 16.0 AMPS. Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SRF1660 MIC-SRF1660 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SRF1660 JINANJINGHENG-SRF1660 Datasheet
74Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRF1660

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1620 TSC-SR1620_11 Datasheet
187Kb / 2P
   16.0AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_13 Datasheet
245Kb / 3P
   16.0AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_11 Datasheet
200Kb / 2P
   16.0AMPS. Schottky Barrier Rectifiers
MBRS1635 TSC-MBRS1635_13 Datasheet
264Kb / 4P
   16.0AMPS. Surface Mount Schottky Barrier Rectifiers
SR1620 TSC-SR1620_13 Datasheet
224Kb / 3P
   16.0AMPS. Schottky Barrier Rectifiers High reliabbility
MBRS1635 TSC-MBRS1635_11 Datasheet
164Kb / 2P
   16.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS1620 TSC-SRS1620_11 Datasheet
126Kb / 2P
   16.0Amps Surface Mount Schottky Barrier Rectifiers
MURF1620CT TSC-MURF1620CT_11 Datasheet
177Kb / 2P
   16.0AMPS. Isolated Switchmode Power Rectifiers
MURF1620CT TSC-MURF1620CT_13 Datasheet
412Kb / 3P
   16.0AMPS. Isolated Switchmode Power Rectifiers
MBRF2035 TSC-MBRF2035_14 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com