Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6266 Datasheet(PDF) 13 Page - MOSA ELECTRONICS

Part # MS6266
Description  6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6266 Datasheet(HTML) 13 Page - MOSA ELECTRONICS

Back Button MS6266_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6266_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6266_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6266_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6266_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6266_1 Datasheet HTML 10Page - MOSA ELECTRONICS MS6266_1 Datasheet HTML 11Page - MOSA ELECTRONICS MS6266_1 Datasheet HTML 12Page - MOSA ELECTRONICS MS6266_1 Datasheet HTML 13Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MOSA
MS6266
6-Channel Electronic Volume Controller
REV 2
13/13
www.mosanalog.com
Circuit:
+
C5
R1 5
S4
-
+
C6
+
C14
10u
C17
104
S2
CH
R1 3 10k
R1 7
+
C12
+
C7
S3
+
R1 4
+
C1
10 u * 1 2
+
C8
+
C13
10u
R1 9
+
C9
+
C1 0
R2 1
1k * 8
C2 0
20pF
C1 9
20pF
+
C2
+
C1 1
R1 6
R22
10
IN1
1
IN2
2
IN3
3
AC2
4
DGND
5
SCL
6
SDA
7
IN4
8
IN5
9
IN6
10
OUT1
20
OUT2
19
OUT3
18
AC1
17
VDD
16
VREF
15
GND
14
OUT4
13
OUT5
12
OUT6
11
U1
MS62 66
C1 6
10 uF
S1
MUTE
+
C3
S5
RESET
+
C1 5
10u
R1 8
+
C4
C18
104
R2 0
12M
P3.7
11
RST
1
P1.0
12
P3.0
2
P1.1
13
P3.1
3
P1.2
14
XTAL2
4
P1.3
15
XTAL1
5
P1.4
16
P3.2
6
P1.5
17
P3.3
7
P1.6
18
P3.4
8
P1.7
19
P3.5
9
Vcc
20
GND
10
U3
AT89C2051
J15
DVCC
J14
AVDD
J1
IN1
J2
IN2
J3
IN3
J4
IN4
J5
IN5
J6
IN6
J7
OUT6
J8
OUT5
J9
OUT4
J10
OUT3
J1 1
OUT2
J1 2
OUT1
R1
100K * 12
R2
R3
R4
R5
R6
R7
R8
R9
R1 0
R1 1
R12
1
2
3
4
5
6
J1 6
AC2
AC1
D8
CH1
D7
CH2
D6
CH3
D5
CH4
D4
CH5
D3
CH6
D2
VOL+
D1
VOL-


Similar Part No. - MS6266_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6266GTR MOSA-MS6266GTR Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6266GU MOSA-MS6266GU Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6266SSGTR MOSA-MS6266SSGTR Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6266SSGU MOSA-MS6266SSGU Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6266SSTR MOSA-MS6266SSTR Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
More results

Similar Description - MS6266_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6266 MOSA-MS6266 Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6258 MOSA-MS6258 Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
List of Unclassifed Man...
MS6257 ETC-MS6257 Datasheet
356Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258_1 Datasheet
405Kb / 17P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260 MOSA-MS6260_1 Datasheet
291Kb / 14P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
   6 CHANNEL VOLUME CONTROLLER
TDA7448 STMICROELECTRONICS-TDA7448_04 Datasheet
382Kb / 14P
   6 CHANNEL VOLUME CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com