Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ60A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJ60A
Description  600 Watts Suface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJ60A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SMBJ60A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJ60A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJ60A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJ60A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJ60A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Test
Current
Stand-Off
Voltage
Maximum
Reverse
Leakage
@ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
@ IPPM
IT
VWM
ID
IPPM
Vc
mA
V
uA
A
V
Min.
Max.
(Note 2)
SMBJ5.0
KD
6.40
7.30
10
5.0
800
65.0
9.6
SMBJ5.0A
KE
6.40
7.00
10
5.0
800
68.0
9.2
SMBJ6.0
KF
6.67
8.15
10
6.0
800
55.0
11.4
SMBJ6.0A
KG
6.67
7.37
10
6.0
800
61.0
10.3
SMBJ6.5
KH
7.22
8.82
10
6.5
500
51.0
12.3
SMBJ6.5A
KK
7.22
7.98
10
6.5
500
56.0
11.2
SMBJ7.0
KL
7.78
9.51
10
7.0
200
47.0
13.3
SMBJ7.0A
KM
7.78
8.60
10
7.0
200
52.0
12.0
SMBJ7.5
KN
8.33
10.3
1
7.5
100
44.0
14.3
SMBJ7.5A
KP
8.33
9.21
1
7.5
100
48.0
12.9
SMBJ8.0
KQ
8.89
10.9
1
8.0
50
42.0
15.0
SMBJ8.0A
KR
8.89
9.83
1
8.0
50
46.0
13.6
SMBJ8.5
KS
9.44
11.5
1
8.5
10
39.0
15.9
SMBJ8.5A
KT
9.44
10.4
1
8.5
10
43.0
14.4
SMBJ9.0
KU
10.0
12.2
1
9.0
5
37.0
16.9
SMBJ9.0A
KV
10.0
11.1
1
9.0
5
40.0
15.4
SMBJ10
KW
11.1
13.6
1
10
5
33.0
18.8
SMBJ10A
KX
11.1
12.3
1
10
5
37.0
17.0
SMBJ11
KY
12.2
14.9
1
11
5
31.0
20.1
SMBJ11A
KZ
12.2
13.5
1
11
5
34.0
18.2
SMBJ12
LD
13.3
16.3
1
12
5
28.0
22.0
SMBJ12A
LE
13.3
14.7
1
12
5
31.0
19.9
SMBJ13
LF
14.4
17.6
1
13
5
26.0
23.8
SMBJ13A
LG
14.4
15.9
1
13
5
29.0
21.5
SMBJ14
LH
15.6
19.1
1
14
5
24.4
25.8
SMBJ14A
LK
15.6
17.2
1
14
5
27.0
23.2
SMBJ15
LL
16.7
20.4
1
15
5
23.1
26.9
SMBJ15A
LM
16.7
18.5
1
15
5
25.1
24.4
SMBJ16
LN
17.8
21.8
1
16
5
21.8
28.8
SMBJ16A
LP
17.8
19.7
1
16
5
24.2
26.0
SMBJ17
LQ
18.9
23.1
1
17
5
20.0
30.5
SMBJ17A
LR
18.9
20.9
1
17
5
22.8
27.6
SMBJ18
LS
20.0
24.4
1
18
5
19.5
32.2
SMBJ18A
LT
20.0
22.1
1
18
5
21.5
29.2
SMBJ20
LU
22.2
27.1
1
20
5
17.6
35.8
SMBJ20A
LV
22.2
24.5
1
20
5
19.4
32.4
SMBJ22
LW
24.4
29.8
1
22
5
15.0
39.4
SMBJ22A
LX
24.4
26.9
1
22
5
17.7
35.5
SMBJ24
LY
26.7
32.6
1
24
5
14.6
43.0
SMBJ24A
LZ
26.7
29.5
1
24
5
16.0
38.9
SMBJ26
MD
28.9
35.3
1
26
5
13.5
46.6
SMBJ26A
ME
28.9
31.9
1
26
5
14.9
42.1
SMBJ28
MF
31.1
38.0
1
28
5
12.6
50.0
SMBJ28A
MG
31.1
34.4
1
28
5
13.8
45.4
SMBJ30
MH
33.3
40.7
1
30
5
11.7
53.5
SMBJ30A
MK
33.3
36.8
1
30
5
13.0
48.4
SMBJ33
ML
36.7
44.9
1
33
5
10.6
59.0
SMBJ33A
MM
36.7
40.6
1
33
5
11.8
53.3
SMBJ36
MN
40.0
48.9
1
36
5
9.8
64.3
SMBJ36A
MP
40.0
44.2
1
36
5
10.8
58.1
SMBJ40
MQ
44.4
54.3
1
40
5
8.8
71.4
SMBJ40A
MR
44.4
49.1
1
40
5
9.7
64.5
SMBJ43
MS
47.8
58.4
1
43
5
8.2
76.7
SMBJ43A
MT
47.8
52.8
1
43
5
9.0
69.4
Version : F11
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Breakdown
Voltage
(Note 1)
VBR
V


Similar Part No. - SMBJ60A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ60A LITTELFUSE-SMBJ60A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Jiangsu High diode Semi...
SMBJ60A HDSEMI-SMBJ60A Datasheet
1Mb / 7P
   SMB Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
SMBJ60A UNSEMI-SMBJ60A Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Jinan Gude Electronic D...
SMBJ60A JGD-SMBJ60A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ60A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com