Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3637 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3637
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3637 Datasheet(HTML) 2 Page - Seme LAB

  2N3637 Datasheet HTML 1Page - Seme LAB 2N3637 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
-175
-175
-5.0
-50
-100
80
90
100
100
300
50
-0.3
-0.5
-0.8
-0.65
-0.9
100
10
75
200
1200
3.0
80
320
200
3.0
400
600
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
BVCEO
Collector–Emitter Breakdown Voltage1
BVCBO
Collector – Base Breakdown Voltage
BVEBO
Emitter – Base Breakdown Voltage
IEBO
Emitter Cut-off Current
ICBO
Collector Cut-off Current
hFE
DC Current Gain
VCE(sat)
Collector – Emitter Saturation Voltage1
VBE(sat)
Base – Emitter Saturation Voltage
ft
Current Gain Bandwidth Product
Cob
Output Capacitance
Cib
Input Capacitance
hie
Input Impedance
hre
Voltage Feedback Ratio
hfe
Small Signal Current Gain
hoe
Output Admittance
NF
Noise Figure
ton
Turn–On Time
toff
Turn–Off Time
IC = -10mA
IB = 0
IC = -100μAIE = 0
IC = 0
IE = -10μA
VBE = -3.0V
IC = 0
VCB = -100V
IE = 0
IC = -0.1mA
VCE = -10V
IC = -1.0mA
VCE = -10V
IC = -10mA
VCE = -10V
IC = -50mA
VCE = -10V
IC = -150mA
VCE = -10V
IC = -10mA
IB = -1.0mA
IC = -50mA
IB = -5mA
IC = -10mA
IB = -1.0mA
IC = -50mA
IB = -5mA
VCE = -30V
IC = -30mA
f = 100MHz
VCB = -20V
IE = 0
f = 100kHz
VBE = 1.0V
IC = 0
f = 1.0MHz
VCE = -10V
IC = -10mA
f = 1.0kHz
VCE = -10V
IC = -0.5mA
RS = 1.0KΩ
f = 1.0kHz
VCC = -100V
VBE = 4.0V
IC = -50mA IB1 = IB2 =-5mA
V
nA
V
V
MHz
pF
pF
Ω
x10-4
μmhos
dB
ns
OFF CHARACTERISTICS
Document Number 3068
Issue 2
2N3637
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
1) Pulse test : Pulse Width < 300
μs ,Duty Cycle < 2%
ON CHARACTERISTICS
SWITCHING CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS


Similar Part No. - 2N3637

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3637 SEME-LAB-2N3637 Datasheet
20Kb / 2P
   PNP SILICON TRANSISTOR
logo
Boca Semiconductor Corp...
2N3637 BOCA-2N3637 Datasheet
219Kb / 6P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3637 MICROSEMI-2N3637 Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
2N3637 MICROSEMI-2N3637 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N3637 MICROSEMI-2N3637 Datasheet
174Kb / 5P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3637

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com