Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ20A Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ20A
Description  1500 Watts Suface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ20A Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  SMCJ20A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ20A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ20A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ20A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ20A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TVS APPLICATION NOTES:
Version : G11
Any combination of this three, or any one of these applivations, will prevent damage to the load. This would
require varying trade-offs in power supply protection versus maintenance(changing the time fuse).
An additional method is to utilize the Trans
RECOMMENDED PAD SIZES
The pad dimensions should be 0.010"(0.25mm) longer than the contact size, in the lead axis.
This allows a solder filler to form, see figure below. Contact factort for soldering methods.
Transient Voltage Suppressors may be used at various points in a circuit to provide various degrees of
protection. The following is a typical linear power supply with transient voltage suppressor units plaved at
different points. All provide protection
Transient Voltage Suppressor 1 provides maximum protection. However, the system will probably require
replacement of the line fuse(F) since it provides a dominant portion of the series impedance when a surge is
encountered.
Hower, we do not recommend to use the TVS diode here, unless we can know the electric circuit
impedance and the magnitude of surge rushed into the circuit. Otherwise the TVS diode is easy to be
destroyed by voltage surge.
Transient Voltage Suppressor 2 provides execllent protection of circuitry excluding the transformer(T).
However, since the transformer is a large part of the series impedance, the chance of the line fuse opening
during the surge condition is reduced.
Transient Voltage Suppressor 3 provides the load with complete protection. It uses a unidirectional
Transient Voltage Suppressor, which is a cost advantage. The series impedance now includes the line fuse,
transformer, and bridge rectifier(B) so failure


Similar Part No. - SMCJ20A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ20A DCCOM-SMCJ20A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ20A MCC-SMCJ20A Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ20A VISHAY-SMCJ20A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
Shanghai Leiditech Elec...
SMCJ20A LEIDITECH-SMCJ20A Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ20A TSC-SMCJ20A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ20A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com