Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB480K Datasheet(PDF) 4 Page - Micro Commercial Components

Part # RB480K
Description  40 Volts Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RB480K Datasheet(HTML) 4 Page - Micro Commercial Components

  RB480K Datasheet HTML 1Page - Micro Commercial Components RB480K Datasheet HTML 2Page - Micro Commercial Components RB480K Datasheet HTML 3Page - Micro Commercial Components RB480K Datasheet HTML 4Page - Micro Commercial Components RB480K Datasheet HTML 5Page - Micro Commercial Components RB480K Datasheet HTML 6Page - Micro Commercial Components RB480K Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SURFACE MOUNT
Embossed Carrier Tape Specifications
(8, 12, 16, 24mm Tape)
Tape Size
H
L
J
B (Max)
D, F, P
Constant
8,12,16,24
1.5+0.1, -0.0
1.75±0.10
4.0±0.1
0.600
See Note 1
Dimensions
Tape
Size
E
(Max)
R
(Min)
N
A
(Max)
K
M
Variable
Dimensions
8mm
4.2
1.0
3.5±0.05
2.4
2.0±0.05
8.0±0.30
12mm
8.2
1.5
5.5±0.05
4.5
2.0±0.05
12.0±0.30
16mm
12.1
1.5
7.5±0.10
6.5
2.0±0.10
16.0±0.30
24mm
20.1
1.5
11.5±0.10
11.9
2.0±0.10
24.0±0.30
Tape Size
G
4.0±0.10
8.0±0.10
12.0±0.10
16.0±0.10
8mm
X
12mm
X
X
16mm
X
X
X
24mm
X
Note:
D, F, P are determined by constant size. The clearance between the part and the tape
cavity must be within 0.05mm min. to 0.50mm max. for 8mm tape, 0.05mm min. to
0.65mm max. for 12mm tape and 0.05mm min. to 0.90mm max. for 16mm tape.
A
B
Cover
Tape
D
E
F
G
H
J
K
L
M
N
P
R
For Machine Reference Only
Including Draft And Radii
Concentric Around Dimension ‘F’
10 Pitches Cumulative
Tolerance On Tape
± 0.2
(For Components
20mm x 12mm
And Larger)
Feed Direction
MCC
Revision: 6
2008/01/01
TM
Micro Commercial Components
3 of 6
www.mccsemi.com


Similar Part No. - RB480K

ManufacturerPart #DatasheetDescription
logo
Rohm
RB480K ROHM-RB480K Datasheet
59Kb / 2P
   Shottky barrier diode
RB480K ROHM-RB480K Datasheet
205Kb / 4P
   Shottky barrier diode
RB480K ROHM-RB480K Datasheet
192Kb / 4P
   Shottky barrier diode
logo
Shenzhen Jin Yu Semicon...
RB480K HTSEMI-RB480K Datasheet
1Mb / 2P
   SCHOTTLKY BARRIER DIODE
logo
Rohm
RB480K ROHM-RB480K Datasheet
512Kb / 5P
   Schottky Barrier Diode
More results

Similar Description - RB480K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB751V-40 MCC-RB751V-40_17 Datasheet
306Kb / 3P
   40 Volts Schottky Barrier Diode
RB751V-40 MCC-RB751V-40 Datasheet
177Kb / 2P
   40 Volts Schottky Barrier Diode
RB751G-40 MCC-RB751G-40_13 Datasheet
214Kb / 3P
   40 Volts Schottky Barrier Diode.
RB751G-40 MCC-RB751G-40 Datasheet
260Kb / 3P
   40 Volts Schottky Barrier Diode
RB751S-40 MCC-RB751S-40 Datasheet
105Kb / 3P
   40 Volts Schottky Barrier Diode
RB751S-40DP MCC-RB751S-40DP_17 Datasheet
326Kb / 3P
   40 Volts Schottky Barrier Diode
RB480KS-TP MCC-RB480KS-TP Datasheet
288Kb / 3P
   40 Volts Schottky Barrier Diode
RB706F-40 MCC-RB706F-40 Datasheet
195Kb / 3P
   40 Volts Schottky Barrier Diode
RB706F-40 MCC-RB706F-40_13 Datasheet
211Kb / 3P
   40 Volts Schottky Barrier Diode
RB480KS MCC-RB480KS_13 Datasheet
200Kb / 3P
   40 Volts Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com