Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK510B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SK510B
Description  5.0AMPS Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK510B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK510B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK510B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
For surface mounted application
Metal to sillicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
Epitaxial construction
SK5XB = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SK
52B
SK
53B
SK
54B
SK
55B
SK
56B
SK
59B
SK
510B
SK
515B
Unit
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
TJ
OC
TSTG
OC
-
-
Weight: 0.1 gram
Type Number
Maximum Average Forward Rectified Current
Polarity: Indicated by cathode band
Features
SK52B - SK515B
5.0AMPS Surface Mount Schottky Barrier Rectifiers
Marking Diagram
SMB/DO-214AA
Dimensions in inches and (millimeters)
High surge current capability
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Terminals: Pure tin plated, lead free
Mechanical Data
Note 2: Measured on P.C.B. Board with 0.4" x 0.4"(10mm x 10mm) Copper Pad Areas.
Note 1: Pluse Test with PW=300 usec, 1% Duty Cycle
0.1
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
mA
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=100 ℃
T A=125℃
IR
Version:F11
2
- 55 to + 150
0.5
20
10
5.0
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
High temperature soldering:
260℃/10 seconds at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Maximum Instantaneous Forward Voltage (Note 1)
@ 5.0A
Case: Molded plastic
Packaging: 16mm tape per EIA Std RS-481
Maximum DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
120
A
0.55
0.75
0.85
0.95
VF
V
Typical Thermal Resistance (Note 2)
RθjL
RθjA
19
60
OC/W
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SK510B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK510B TSC-SK510B Datasheet
52Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK510B TSC-SK510B Datasheet
258Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SK510B PACELEADER-SK510B Datasheet
308Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diotech Company.
SK510B DIOTECH-SK510B Datasheet
898Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SK510B LUGUANG-SK510B Datasheet
224Kb / 2P
   5.0AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK510B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SK52C LUGUANG-SK52C Datasheet
204Kb / 2P
   5.0AMPS. Surface Mount Schottky Barrier Rectifiers
SK52B LUGUANG-SK52B Datasheet
224Kb / 2P
   5.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK52B TSC-SK52B_13 Datasheet
256Kb / 4P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
SK52C TSC-SK52C_11 Datasheet
136Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
SS52 CHONGQING-SS52 Datasheet
179Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S520BF CHONGQING-S520BF Datasheet
217Kb / 2P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR520 CHONGQING-SR520 Datasheet
179Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS52L CHONGQING-SS52L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SBR545LBF CHONGQING-SBR545LBF Datasheet
178Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR560L CHONGQING-SR560L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com