Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4K Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # S4K
Description  4.0 AMPS. Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S4K Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  S4K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S4K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - S4K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4K TSC-S4K Datasheet
49Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4K TSC-S4K Datasheet
279Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4K TSC-S4K Datasheet
192Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S4K LUGUANG-S4K Datasheet
237Kb / 2P
   4.0AMPS. Surface Mount Rectifiers
logo
Taiwan Memory Technolog...
S4K TMT-S4K Datasheet
359Kb / 4P
   4A, 50V - 1000V Surface Mount Rectifiers
More results

Similar Description - S4K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4A TSC-S4A_11 Datasheet
192Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4A TSC-S4A Datasheet
49Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4A TSC-S4A_1 Datasheet
279Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
logo
Jinan Gude Electronic D...
MUR405 JGD-MUR405 Datasheet
143Kb / 2P
   4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Yangzhou yangjie electr...
S2A YANGJIE-S2A Datasheet
696Kb / 2P
   1.5 AMPS. SURFACE MOUNT RECTIFIERS
S3A YANGJIE-S3A Datasheet
703Kb / 2P
   3.0 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S5A TSC-S5A_12 Datasheet
192Kb / 2P
   5.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S2A LUGUANG-S2A Datasheet
212Kb / 2P
   2.0 AMPS. Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S2AA TSC-S2AA Datasheet
51Kb / 2P
   1.5 AMPS. Surface Mount Rectifiers
logo
Jinan Gude Electronic D...
S2A JGD-S2A Datasheet
150Kb / 2P
   1.5 AMPS. SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com