Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB43A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P6SMB43A
Description  600 Watts Suface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6SMB43A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P6SMB43A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6SMB43A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6SMB43A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6SMB43A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IRSM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (uA)
(A) (Note 2)
Vc(V)
of VBR(%/℃)
P6SMB100
MWJ
90
110
1.0
81.0
5.0
4.3
144
0.106
P6SMB100A
MXJ
95
105
1.0
85.5
5.0
4.5
137
0.106
P6SMB110
MYJ
99
121
1.0
89.2
5.0
3.9
158
0.107
P6SMB110A
MZJ
105
116
1.0
94.0
5.0
4.1
152
0.107
P6SMB120
NDJ
108
132
1.0
97.2
5.0
3.6
173
0.107
P6SMB120A
NEJ
114
126
1.0
102.0
5.0
3.8
165
0.107
P6SMB130
NFJ
117
143
1.0
105.0
5.0
3.3
187
0.107
P6SMB130A
NGJ
124
137
1.0
111.0
5.0
3.5
179
0.107
P6SMB150
NHJ
135
165
1.0
121.0
5.0
2.9
215
0.108
P6SMB150A
NKJ
143
158
1.0
128.0
5.0
3.0
207
0.108
P6SMB160
NLJ
144
176
1.0
130.0
5.0
2.7
230
0.108
P6SMB160A
NMJ
152
168
1.0
136.0
5.0
2.8
219
0.108
P6SMB170
NNJ
153
187
1.0
138.0
5.0
2.5
244
0.108
P6SMB170A
NPJ
162
179
1.0
145.0
5.0
2.6
234
0.108
P6SMB180
NQJ
162
198
1.0
146.0
5.0
2.4
258
0.108
P6SMB180A
NRJ
171
189
1.0
154.0
5.0
2.5
246
0.108
P6SMB200
NSJ
180
220
1.0
162.0
5.0
2.1
287
0.108
P6SMB200A
NTJ
190
210
1.0
171.0
5.0
2.2
274
0.108
P6SMB220
NUJ
198
242
1.0
175.0
5.0
1.8
342
0.108
P6SMB220A
NVJ
209
231
1.0
185.0
5.0
1.9
328
0.108
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the I D limit is doubled.
4. For bidirectional use C or CA suffix for types P6SMB6.8 through P6SMB220A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:E11
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)


Similar Part No. - P6SMB43A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB43A VISHAY-P6SMB43A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Central Semiconductor C...
P6SMB43A CENTRAL-P6SMB43A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Microdiode Electronics ...
P6SMB43A CHENDA-P6SMB43A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
EIC discrete Semiconduc...
P6SMB43A EIC-P6SMB43A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
P6SMB43A VISHAY-P6SMB43A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - P6SMB43A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com