Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA51 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA51
Description  400 Watts Suface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA51 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P4SMA51 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA51 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA51 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA51 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (uA)
(A) (Note 2)
Vc(V)
of VBR(%/℃)
P4SMA100
CWJ
90
110
1.0
81.0
5.0
2.9
144
0.106
P4SMA100A
CXJ
95
105
1.0
85.5
5.0
3.0
137
0.106
P4SMA110
CYJ
99
121
1.0
89.2
5.0
2.6
158
0.107
P4SMA110A
CZJ
105
116
1.0
94.0
5.0
2.7
152
0.107
P4SMA120
RDJ
108
132
1.0
97.2
5.0
2.4
173
0.107
P4SMA120A
REJ
114
126
1.0
102.0
5.0
2.5
165
0.107
P4SMA130
RFJ
117
143
1.0
105.0
5.0
2.2
187
0.107
P4SMA130A
RGJ
124
137
1.0
111.0
5.0
2.3
179
0.107
P4SMA150
RHJ
135
165
1.0
121.0
5.0
1.9
215
0.108
P4SMA150A
RKJ
143
158
1.0
128.0
5.0
2.0
207
0.108
P4SMA160
RLJ
144
176
1.0
130.0
5.0
1.8
230
0.108
P4SMA160A
RMJ
152
168
1.0
136.0
5.0
1.9
219
0.108
P4SMA170
RNJ
153
187
1.0
138.0
5.0
1.7
244
0.108
P4SMA170A
RPJ
162
179
1.0
145.0
5.0
1.8
234
0.108
P4SMA180
RQJ
162
198
1.0
146.0
5.0
1.6
258
0.108
P4SMA180A
RRJ
171
189
1.0
154.0
5.0
1.7
246
0.108
P4SMA200
RSJ
180
220
1.0
162.0
5.0
1.4
287
0.108
P4SMA200A
RTJ
190
210
1.0
171.0
5.0
1.51
274
0.108
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the I D limit is doubled.
4. For bidirectional use C or CA suffix for types P4SMA6.8 through P4SMA200A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:F11
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)


Similar Part No. - P4SMA51

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA51 WTE-P4SMA51 Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P4SMA51 TSC-P4SMA51 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
P4SMA51 TSC-P4SMA51 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA51 PANJIT-P4SMA51 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Fuji Electric
P4SMA51 FUJI-P4SMA51 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - P4SMA51

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com