Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88011 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL88011
Description  5 Ld Voltage Supervisors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88011 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL88011 Datasheet HTML 1Page - Intersil Corporation ISL88011 Datasheet HTML 2Page - Intersil Corporation ISL88011 Datasheet HTML 3Page - Intersil Corporation ISL88011 Datasheet HTML 4Page - Intersil Corporation ISL88011 Datasheet HTML 5Page - Intersil Corporation ISL88011 Datasheet HTML 6Page - Intersil Corporation ISL88011 Datasheet HTML 7Page - Intersil Corporation ISL88011 Datasheet HTML 8Page - Intersil Corporation ISL88011 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FN8093.3
ISL88011, ISL88012, ISL88013,
ISL88014, ISL88015
5 Ld Voltage Supervisors with Adjustable
Power-On Reset, Dual Voltage Monitoring
or Watchdog Timer Capability
The ISL88011 through ISL88015 family of devices offer both
fixed and/or adjustable voltage-monitoring that combine
popular functions such as Power-On Reset control,
Watchdog Timer, Supply Voltage Supervision, and Manual
Reset assertion in a small 5 Ld SOT-23 package.
Unique features on the ISL88013 and ISL88015 include a
watchdog timer with a 51s start-up timeout and a 1.6s
normal timeout duration. On the ISL88011 and ISL88014,
users can increase the nominal 200ms Power-On Reset
timeout delay by adding an external capacitor to the CPOR
pin. Both fixed and adjustable voltage monitors are provided
by the ISL88012. Complementary active-low and active-high
reset outputs are available on the ISL88011, ISL88012 and
ISL88013 devices. All devices provide manual reset
capability (see “Product Features Table” on page 5).
Seven preprogrammed reset threshold voltages accurate to
±1.5% over temperature are offered (see “Ordering
Information” on page 3). The ISL88012, ISL88014 and
ISL88015 have a user-adjustable voltage input available for
custom monitoring of any voltage down to 0.6V. All parts are
specifically designed for low power consumption and high
threshold accuracy.
Features
• Single/Dual Voltage Monitoring Supervisors
• Fixed-Voltage Options Allow Precise Monitoring of +2.5V,
+3.0V, +3.3V, and +5.0V Power Supplies
• Dual Supervisor Has One Fixed Voltage Input and Another
That is User-Adjustable Down to 0.6V.
• Both RST and RST Outputs Available
• Adjustable POR Timeout Delay Options
• Watchdog Timer With 1.6s Normal and 51s Start-up
Timeout Durations
• Manual Reset Input on All Devices
• Reset Signal Valid Down to VDD = 1V
• Accurate ±1.5% Voltage Threshold
• Immune to Power-Supply Transients
• Ultra Low 5.5µA Supply Current
• Small 5 Ld SOT-23 Pb-Free Package
• Pb-Free (RoHS Compliant)
Applications
• Process Control Systems
• Intelligent Instruments
• Embedded Control Systems
• Computer Systems
• Critical µP and µC Power Monitoring
• Portable/Battery-Powered Equipment
• PDA and Handheld PC Devices
Data Sheet
August 9, 2011
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas Inc. 2004, 2006, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL88011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88011 INTERSIL-ISL88011 Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88011EVAL1Z RENESAS-ISL88011EVAL1Z Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Intersil Corporation
ISL88011IH522Z INTERSIL-ISL88011IH522Z Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
More results

Similar Description - ISL88011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
Intersil Corporation
ISL88001 INTERSIL-ISL88001 Datasheet
216Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
Renesas Technology Corp
ISL88001 RENESAS-ISL88001 Datasheet
547Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
Texas Instruments
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
Microchip Technology
MCP102 MICROCHIP-MCP102_14 Datasheet
688Kb / 28P
   Micropower Voltage Supervisors
10/28/13
MCP102 MICROCHIP-MCP102 Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
   Micropower Voltage Supervisors
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com