Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85033DUALEVAL1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL85033DUALEVAL1Z
Description  Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85033DUALEVAL1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL85033DUALEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL85033DUALEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL85033DUALEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL85033DUALEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL85033DUALEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL85033DUALEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL85033DUALEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL85033DUALEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL85033DUALEVAL1Z Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
AN1574.2
November 29, 2010
1514-2
8
ea
VO1, VO2, GND1-
GND4, VIN1, VIN2
CONN-TURRET,
TERMINAL POST,
TH, ROHS
KEYSTONE
1514-2
5002
11
ea
a) FS, SI, SO, EN1, EN2,
GND, PG1, PG2
CONN-MINI TEST
POINT, VERTICAL,
WHITE, ROHS
KEYSTONE
5002
5002
0
ea
b) SS1, SS2, EXT_5V
CONN-MINI TEST
POINT, VERTICAL,
WHITE, ROHS
KEYSTONE
5002
B340B-13-F-T
2
ea
D1, D2
DIODE-SCHOTTKY,
SMD, SMB, 2P, 40V,
3A, ROHS
DIODES INC.
B340B-13-F
ISL85033IRTZ
1
ea
U1
IC-3A DUAL STD
REGULATOR, 28P,
TQFN, 4x4, ROHS
INTERSIL
ISL85033IRTZ
H2505-DNP
0
ea
R10, R17, R19, R20,
R23-R27
RESISTOR, SMD,
0603, 0.1%, MF,
DNP-PLACE
HOLDER
H2510-00R00-1/16W-T
2
ea
R1, R15
RES, SMD, 0402,
0Ω, 1/16W, 5%, TF,
ROHS
VENKEL
CR0402-16W-00T
PANASONIC
ERJ-2GE0JR00
H2510-02552-1/16W1-T
1
ea
R14
RES,SMD, 0402,
25.5k, 1/16W, 1%,
TF, ROHS
VENKEL
CR0402-16W-2552FT
PANASONIC
ERJ-2RKF2552X
VISHAY/DALE
CRCW040225K5FKED
STACKPOLE
RMC 1/16S 25.5K 1% R
H2510-04222-1/16W1-T
1
ea
R3
RES,SMD, 0402,
42.2k, 1/16W, 1%,
TF, ROHS
PANASONIC
ERJ-2RKF4222X
VENKEL
CR0402-16W-4222FT
H2510-08061-1/16W1-T
2
ea
R2, R16
RES, SMD, 0402,
8.06k, 1/16W, 1%,
TF, ROHS
VENKEL
CR0402-16W-8061FT
PANASONIC
ERJ-2RKF8061X
ROHM
MCR01MZPF8061
YAGEO
RC0402FR-078K06L
VISHAY/DALE
CRCW04028K06FKED
H2511-00R00-1/10W-T
4
ea
R7-R9, R18
RES, SMD, 0603,
0Ω, 1/10W, TF,
ROHS
VENKEL
CR0603-10W-000T
ROHM
MCR03EZPJ000
PANASONIC
ERJ-3GEY0R00V
YAGEO
RC0603JR-070RL
VISHAY/DALE
CRCW06030000Z0EA
H2511-01004-1/10W1-T
2
ea
R4, R6
RES, SMD, 0603,
1M, 1/10W, 1%, TF,
ROHS
PANASONIC
ERJ-3EKF1004V
VENKEL
CR0603-10W-1004FT
YAGEO
RC0603FR-071ML
ROHM
MCR03EZPFX1004
KOA
RK73H1JTTD1004F
VISHAY/DALE
CRCW06031M00FKEA
TABLE 3. BILL OF MATERIALS (Continued)
PART NUMBER
QTY UNITS
REFERENCE
DESIGNATOR
DESCRIPTION
MANUFACTURER
MANUFACTURER
PART #
Application Note 1574


Similar Part No. - ISL85033DUALEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85033DUALEVAL1Z RENESAS-ISL85033DUALEVAL1Z Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
More results

Similar Description - ISL85033DUALEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033 INTERSIL-ISL85033_11 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033EVAL2Z INTERSIL-ISL85033EVAL2Z Datasheet
335Kb / 2P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current - Short Form
ISL95901 INTERSIL-ISL95901 Datasheet
1Mb / 24P
   Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
logo
Renesas Technology Corp
ISL95901 RENESAS-ISL95901 Datasheet
1Mb / 24P
   Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com