Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LM80C312 Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. LM80C312
Description  Color STN LCD Module
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LM80C312 Datasheet(HTML) 1 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
New Product
LM80C312
Color STN LCD Module
Features
n
31 cm [12.1"] SVGA format
n
High brightness : 200 cd/m2
n
Less shadowing utilizing SA* technology
n
Mechanically compatible with Color TFT LCD
n
Wide Viewing Angle
[Model : LQ12S41]
*Sharp Addressing
Specifications
Parameter
Unit
Parameter
Unit
Display size
31[12.1]
cm [ "]
Backlight type
2CCFT(E)
-
Dot format (H x V)
800 x RGB x 600
dot
Duty ratio
1/300
-
Dot pitch (H x V)
0.1025 x 0.3075
mm
Logic voltage
5.0 Vcon
V
Active area (H x V)
246.0 x 184.5
mm
Power consumption panel
1 000
mW
Panel type
*1
-
Backlight
6 840
mW
Panel mode
Transmissive
-
Outline dimensions (W x H x D) 290.0 x 225.0 x 9.3
mm
Contrast ratio
25 : 1
-
Weight
700
g
Response time
350
ms
Operating temperature
0 to +40
∞C
Brightness
200
cd/m2
Storage temperature
-25 to +60
∞C
*1...Triple super twisted nematic
Outline Dimensions
unit : mm
3
1
2
129.5
290
4MIN
4
4-R0.5
90
250.0X188.5
144.8
153.5
ACTIVE AREA
CENTER LINE(BEZEL OPENING AREA)
90
4 MIN
245.975X184.475
149.5
BEZEL OPENING AREA
283
2
3
1
4


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM80C36Color STN LCD Module 1 Sharp Electrionic Components
LM13X31Color STN LCD Module 1 Sharp Electrionic Components
LM8M64Color STN LCD Module 1 Sharp Electrionic Components
LM10V33Color STN LCD Module 1 Sharp Electrionic Components
LM18X94Color STN LCD Module 1 Sharp Electrionic Components
DG24320C5PC5.7 Inch 320 x 3 RGB x 240 Dots STN Color LCD Module 1 2 3 4 5 MoreSanyo Semicon Device
LM5Q32Color STN LCD Module 1 Sharp Electrionic Components
LM12S02Color STN LCD Module 1 Sharp Electrionic Components
LM64C350Color STN LCD Module 1 Sharp Electrionic Components
LQ12X12Color TFT- LCD Module for OA/Multimedia[High brightness type] Desktop PC/Monitor 1 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn