Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85033 Datasheet(PDF) 22 Page - Intersil Corporation

Part # ISL85033
Description  Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85033 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ISL85033_11 Datasheet HTML 18Page - Intersil Corporation ISL85033_11 Datasheet HTML 19Page - Intersil Corporation ISL85033_11 Datasheet HTML 20Page - Intersil Corporation ISL85033_11 Datasheet HTML 21Page - Intersil Corporation ISL85033_11 Datasheet HTML 22Page - Intersil Corporation ISL85033_11 Datasheet HTML 23Page - Intersil Corporation ISL85033_11 Datasheet HTML 24Page - Intersil Corporation ISL85033_11 Datasheet HTML 25Page - Intersil Corporation ISL85033_11 Datasheet HTML 26Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ISL85033
22
FN6676.4
September 22, 2011
exponentially increasing with temperature. Due to the nature of
reverse bias leakage vs temperature, the diode should be
carefully selected to operate in the worst case circuit conditions.
Catastrophic failure is possible if the diode chosen experiences
thermal runaway at elevated temperatures. Please refer to
Application Note for diode selection.
Power Derating Characteristics
To prevent the ISL85033 from exceeding the maximum junction
temperature, some thermal analysis is required. The
temperature rise is given by Equation 28:
where PD is the power dissipated by the regulator and θJA is the
thermal resistance from the junction of the die to the ambient
temperature. The junction temperature, TJ, is given by
Equation 29:
where TA is the ambient temperature. For the QFN package, the
θJA is +38°C/W.
The actual junction temperature should not exceed the absolute
maximum junction temperature of +125°C When considering
the thermal design, remember to consider the thermal needs of
the rectifier diode.
The ISL85033 delivers full current at ambient temperatures up
to +85°C if the thermal impedance from the thermal pad
maintains the junction temperature below the thermal shutdown
level, depending on the Input Voltage/Output Voltage
combination and the switching frequency. The device power
dissipation must be reduced to maintain the junction
temperature at or below the thermal shutdown level. Figure 49
illustrates the power derating versus ambient temperature for
the ISL85033 EVAL kit. Note that the EVAL kit derating curve is
based on total circuit dissipation, not IC dissipation alone.
Layout Considerations
Layout is very important in high frequency switching converter
design. With power devices switching efficiently between 100kHz
and 600kHz, the resulting current transitions from one device to
another cause voltage spikes across the interconnecting
impedances and parasitic circuit elements. These voltage spikes
can degrade efficiency, radiate noise into the circuit, and lead to
device overvoltage stress. Careful component layout and printed
circuit board design minimizes these voltage spikes.
As an example, consider the turn-off transition of the upper
MOSFET. Prior to turn-off, the MOSFET is carrying the full load
current. During turn-off, current stops flowing in the MOSFET and
is picked up by the Schottky diode. Any parasitic inductance in
the switched current path generates a large voltage spike during
the switching interval. Careful component selection, tight layout
of the critical components, and short, wide traces minimizes the
magnitude of voltage spikes.
There are two sets of critical components in the ISL85033
switching converter. The switching components are the most
critical because they switch large amounts of energy, and
therefore tend to generate large amounts of noise. Next, are the
small signal components which connect to sensitive nodes or
supply critical bypass current and signal coupling.
A multi-layer printed circuit board is recommended. Figure 50
shows the connections of the critical components in the
converter. Note that capacitors CIN and COUT could each
represent numerous physical capacitors. Dedicate one solid
layer, usually a middle layer of the PC board, for a ground plane
and make all critical component ground connections with vias to
this layer. Dedicate another solid layer as a power plane and
break this plane into smaller islands of common voltage levels.
Keep the metal runs from the PHASE terminals to the output
inductor short. The power plane should support the input power
and output power nodes. Use copper filled polygons on the top
and bottom circuit layers for the phase nodes. Use the remaining
printed circuit layers for small signal wiring.
In order to dissipate heat generated by the internal LDO and MOSFET,
the ground pad should be connected to the internal ground plane
through at least four vias. This allows the heat to move away from the IC
and also ties the pad to the ground plane through a low impedance
path.
The switching components should be placed close to the
ISL85033 first. Minimize the length of the connections between
the input capacitors, CIN, and the power switches by placing
them nearby. Position both the ceramic and bulk input capacitors
as close to the upper MOSFET drain as possible. Position the
output inductor and output capacitors between the upper and
Schottky diode and the load.
The critical small signal components include any bypass
capacitors, feedback components, and compensation
components. Place the PWM converter compensation
components close to the FB and COMP pins. The feedback
resistors should be located as close as possible to the FB pin with
vias tied straight to the ground plane as required.
TRISE
PD
() θJA
()
=
(EQ. 28)
TJ
TA TRISE
+
()
=
(EQ. 29)
0
10
20
30
40
50
60
70
80
90
100
110
120
0
123
4
5
67
89
10 11 12
ISL85033EVAL1ZB EVAL BOARD
TOTAL POWER DISSIPATION (W)
ΘJA = 38°C/W
FIGURE 49. POWER DERATING CURVE


Similar Part No. - ISL85033_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85033-12VEVAL3Z INTERSIL-ISL85033-12VEVAL3Z Datasheet
672Kb / 6P
   Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current
logo
Renesas Technology Corp
ISL85033-12VEVAL3Z RENESAS-ISL85033-12VEVAL3Z Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
More results

Similar Description - ISL85033_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
ISL85033EVAL2Z INTERSIL-ISL85033EVAL2Z Datasheet
335Kb / 2P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current - Short Form
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com