Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL80101
Description  High Performance 1A LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL80101_11 Datasheet HTML 1Page - Intersil Corporation ISL80101_11 Datasheet HTML 2Page - Intersil Corporation ISL80101_11 Datasheet HTML 3Page - Intersil Corporation ISL80101_11 Datasheet HTML 4Page - Intersil Corporation ISL80101_11 Datasheet HTML 5Page - Intersil Corporation ISL80101_11 Datasheet HTML 6Page - Intersil Corporation ISL80101_11 Datasheet HTML 7Page - Intersil Corporation ISL80101_11 Datasheet HTML 8Page - Intersil Corporation ISL80101_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISL80101
5
FN6931.1
August 31, 2011
ENABLE Pin Turn-on Delay
COUT = 10µF, ILOAD = 1A
100
µs
ENABLE Pin Leakage Current
VIN = 6V, ENABLE = 3V
1
µA
SOFT-START CHARACTERISTICS
SS Pin Currents (Note 11)
IPD
VIN = 3.5V, ENABLE = 0V, SS = 1V
0.5
1
1.3
mA
ICHG
-3.3
-2
-0.8
µA
PG PIN CHARACTERISTICS
VOUT PG Flag Threshold
75
85
92
%VOUT
VOUT PG Flag Hysteresis
4%
PG Flag Low Voltage
VIN = 2.5V, ISINK = 500µA
100
mV
PG Flag Leakage Current
VIN = 6V, PG = 6V
1
µA
NOTES:
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
11. Dropout is defined as the difference in supply VIN and VOUT when the output is below its nominal regulation..
Electrical Specifications Unless otherwise noted, VIN = VOUT + 0.4V, VOUT = 1.8V, CIN = COUT = 2.2µF, TJ = +25°C. Applications
must follow thermal guidelines of the package to determine worst case junction temperature. Please refer to “Applications Information” on
page 8 and Tech Brief TB379. Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNITS


Similar Part No. - ISL80101_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL80101-ADJ INTERSIL-ISL80101-ADJ Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL80101-ADJ RENESAS-ISL80101-ADJ Datasheet
747Kb / 12P
   High Performance 1A LDO
ISL80101-ADJ RENESAS-ISL80101-ADJ Datasheet
756Kb / 13P
   High Performance 1A Linear Regulator with Programmable Current Limiting
More results

Similar Description - ISL80101_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com