Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL60002 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL60002
Description  Precision Low Power FGA??Voltage References
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL60002 Datasheet HTML 1Page - Intersil Corporation ISL60002 Datasheet HTML 2Page - Intersil Corporation ISL60002 Datasheet HTML 3Page - Intersil Corporation ISL60002 Datasheet HTML 4Page - Intersil Corporation ISL60002 Datasheet HTML 5Page - Intersil Corporation ISL60002 Datasheet HTML 6Page - Intersil Corporation ISL60002 Datasheet HTML 7Page - Intersil Corporation ISL60002 Datasheet HTML 8Page - Intersil Corporation ISL60002 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ISL60002
3
FN8082.17
December 16, 2010
Pin Configuration
ISL60002
(3 LD SOT-23)
TOP VIEW
1
2
3
VOUT
GND
VIN
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1VIN
Power Supply Input
2VOUT
Voltage Reference Output
3GND
Ground
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
(Bottom)
VOUT
(V)
GRADE
TEMP. RANGE
(°C)
PACKAGE
Tape & Reel (Pb-free)
PKG.
DWG. #
ISL60002BIH310Z-TK
DFB
1.024
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002CIH310Z-TK
DFC
1.024
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002DIH310Z-TK
DFD
1.024
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002BIH311Z-TK
APM
1.200
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002CIH311Z-TK
AOR
1.200
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002DIH311Z-TK
AOY
1.200
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002BIH312Z-TK
AOM
1.250
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002CIH312Z-TK
AOS
1.250
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002DIH312Z-TK
APA
1.250
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002BIH318Z-TK
DEO
1.800
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002CIH318Z-TK
DEP
1.800
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002DIH318Z-TK
DEQ
1.800
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002BIH320Z-TK
DEY
2.048
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002CIH320Z-TK
DEZ
2.048
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002DIH320Z-TK
DFA
2.048
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002BIH325Z-TK
AON
2.500
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002DIH325Z-TK
APB
2.500
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002CIH325Z-TK
AOT
2.500
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002BIH326Z-TK
DFK
2.600
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002CIH326Z-TK
DFL
2.600
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002DIH326Z-TK
DFM
2.600
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002BIH330Z-TK
DFI
3.000
±1.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002CIH330Z-TK
DFJ
3.000
±2.5mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002DIH330Z-TK
DFH
3.000
±5.0mV, 20ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL60002BAH333Z-TK
AOP
3.300
±1.0mV, 20ppm/°C
-40 to +105
3 Ld SOT-23
P3.064
ISL60002CAH333Z-TK
AOU
3.300
±2.5mV, 20ppm/°C
-40 to +105
3 Ld SOT-23
P3.064
ISL60002DAH333Z-TK
APC
3.300
±5.0mV, 20ppm/°C
-40 to +105
3 Ld SOT-23
P3.064
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL60002. For more information on MSL please see techbrief TB363.


Similar Part No. - ISL60002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
logo
Intersil Corporation
ISL60002B INTERSIL-ISL60002B Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL60002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com