Electronic Components Datasheet Search |
|
ISL9305IRTWCNLZ-T Datasheet(PDF) 3 Page - Intersil Corporation |
|
ISL9305IRTWCNLZ-T Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 17 page ISL9305 3 FN7605.1 August 15, 2011 Pin Configuration ISL9305 (16 LD 4X4 TQFN) TOP VIEW E-PAD 1 2 3 4 5678 9 10 11 12 13 14 15 16 SCLK VINDCD1 DCDPG FB2 VINDCD2 FB1 SDAT GNDLDO Pin Descriptions PIN NUMBER (TQFN) NAME DESCRIPTION 1 VINDCD1 Input voltage for buck converter DCD1 and it also serves as the power supply pin for the whole internal digital/ analog circuits. 2 FB1 Feedback pin for DCD1, connect external voltage divider resistors between DCDC1 output, this pin and ground. For fixed output versions, connect this pin directly to the DCD1 output. 3SCLK I2C interface clock pin. 4SDAT I2C interface data pin. 5 VINLDO1 Input voltage for LDO1. 6 VOLDO1 Output voltage of LDO1. 7 VOLDO2 Output voltage of LDO2. 8 VINLDO2 Input voltage for LDO2. 9 GNDLDO Power ground for LDO1 and LDO2. 10 DCDPG The DCDPG pin is an open-drain output to indicate the state of the DCD1/DCD2 output voltages. When both DCD1 and DCD2 are enabled, the output is released to be pulled high by an external pull-up resistor if both converter voltages are within the power-good range. The pin will be pulled low if either DCD is outside their range. When only one DCD is enabled, the state of the enabled DCD’s output will define the state of the DCDPG pin. The DCDPG state can be programmed for a delay of up to 200ms before being released to rise high. The programming range is 1ms~200ms through the I2C interface. 11 FB2 Feedback pin for DCD2, connect external voltage divider resistors between DCD2 output, this pin and ground. For fixed output versions, connect this pin directly to the DCD2 output. 12 VINDCD2 Input voltage for buck converter DCD2. 13 SW2 Switching node for DCD2, connect to one terminal of the inductor. 14 GNDDCD2 Power ground for DCD2. 15 GNDDCD1 Power ground for DCD1. 16 SW1 Switching node for DCD1, connect to one terminal of the inductor. E-pad E-pad Exposed Pad. Connect to system ground. |
Similar Part No. - ISL9305IRTWCNLZ-T |
|
Similar Description - ISL9305IRTWCNLZ-T |