Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6130 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6130
Description  Power Sequencing Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6130 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6130 Datasheet HTML 1Page - Intersil Corporation ISL6130 Datasheet HTML 2Page - Intersil Corporation ISL6130 Datasheet HTML 3Page - Intersil Corporation ISL6130 Datasheet HTML 4Page - Intersil Corporation ISL6130 Datasheet HTML 5Page - Intersil Corporation ISL6130 Datasheet HTML 6Page - Intersil Corporation ISL6130 Datasheet HTML 7Page - Intersil Corporation ISL6130 Datasheet HTML 8Page - Intersil Corporation ISL6130 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130
5
FN9005.11
August 25, 2011
ISL612X and ISL6130 Variant Feature Matrix
PART
NAME
EN/EN
CMOS/
TTL
GATE DRIVE
OR OPEN
DRAIN
OUTPUTS
REQUIRED
CONDITIONS
FOR INITIAL
START-UP
NUMBER OF
UVLO INPUTS
MONITORED
BY EACH
RESET
NUMBER OF
CHANNELSTHAT
TURNOFFWHEN
ONE UVLO
FAULTS
PRESET OR
ADJUSTABLE
SEQUENCE
NUMBER OF
UVLO AND
PAIRS OF I/O
FEATURES
ISL6123
EN
TTL
Gate Drive
4 UVLO
1 EN
4 UVLO
4 Gates
Time Adjustable
On and Off
4 Monitors
with 1 I/O
Auto Restart,
Low Bias Current
Sleep
ISL6124
EN
CMOS
Gate Drive
4 UVLO
1 EN
4 UVLO
4 Gates
Time Adjustable
On and Off
4 Monitors
with 1 I/O
Auto Restart
ISL6125
EN
CMO
Open Drain
4 UVLO
1 EN
4 UVLO
4 Open Drain
Time Adjustable
On and Off
4 Monitors
with 1 I/O
Auto Restart, Open
Drain Sequenced
Outputs
ISL6126
EN
CMOS
Gate Drive
1 UVLO
1 EN
4 UVLO
1 Gate
Voltage
Determined ON
Time Adjustable
Off
4 Monitors
with 1 I/O
Gates Independent
On as UVLO Valid
ISL6127
EN
CMOS
Gate Drive
4 UVLO
1 EN
4 UVLO
4 Gates
Preset
4 Monitors
with 1 I/O
Auto Restart
ISL6128
EN
CMOS
Gate Drive
4 UVLO
2 EN
2 UVLO
2 Gates
Preset
2 Monitors
with 2 I/O
Dual Redundant
Operation
ISL6130
EN
TTL
Gate Drive
1 UVLO
1 EN
4 UVLO
1 Gate
Voltage
Determined ON
Time Adjustable
Off
4 Monitors
with 1 I/O
Gates Independent
On as UVLO Valid
Low Bias Current
Sleep


Similar Part No. - ISL6130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6130 INTERSIL-ISL6130 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6130 INTERSIL-ISL6130 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6130IRZA INTERSIL-ISL6130IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6130IRZA INTERSIL-ISL6130IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6130IRZA RENESAS-ISL6130IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com