Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6130 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6130
Description  Power Sequencing Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6130 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6130 Datasheet HTML 1Page - Intersil Corporation ISL6130 Datasheet HTML 2Page - Intersil Corporation ISL6130 Datasheet HTML 3Page - Intersil Corporation ISL6130 Datasheet HTML 4Page - Intersil Corporation ISL6130 Datasheet HTML 5Page - Intersil Corporation ISL6130 Datasheet HTML 6Page - Intersil Corporation ISL6130 Datasheet HTML 7Page - Intersil Corporation ISL6130 Datasheet HTML 8Page - Intersil Corporation ISL6130 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130
4
FN9005.11
August 25, 2011
Pin Descriptions
PIN
NAME
PIN NUMBER
DESCRIPTION
ISL6123, ISL6124,
ISL6125
ISL6126,
ISL6130
ISL6127
ISL6128
VDD
23
23
23
23
Chip Bias. Bias IC from nominal 1.5V to 5V.
GND
10
101010
Bias Return. IC ground.
ENABLE_1/
ENABLE_1
1
1
1
1
Input to start on/off sequencing. Input to initiate start of programmed
sequencing of supplies on or off. Enable functionality disabled for 10ms after
UVLO is satisfied. ISL6123 and ISL6130 have ENABLE, and ISL6124,
ISL6125, ISL6126 and ISL6127 have ENABLE. Only ISL6128 has two ENABLE
inputs; one for each 2-channel grouping. ENABLE_1 is for (A, B), and
ENABLE_2 is for (C, D).
ENABLE_2/
ENABLE_2
NC
NC
NC
11
RESET
24
24
24
24
RESET Output. RESET provides low signal 150ms after all GATEs are fully
enhanced. Delay is for stabilization of output voltages. RESET asserts low
upon UVLO not being satisfied or ENABLE/ENABLE being deasserted. RESET
outputs are open-drain, N-channel FET and are guaranteed to be in correct
state for VDD down to 1V and are filtered to ignore fast transients on VDD and
UVLO_X.
RESET_2 only exists on ISL6128 for (C, D) group I/O.
RESET_2
NC
NC
NC
9
UVLO_A
20
20
20
20
Undervoltage Lockout/Monitoring Input. Provides a programmable UV lockout
referenced to an internal 0.633V reference. Filtered to ignore short (<30µs)
transients below programmed UVLO level.
UVLO_B
12
12
12
12
UVLO_C
17
17
17
17
UVLO_D
14
14
14
14
DLY_ON_A
21
-
-
21
Gate On Delay Timer Output. Allows programming of delay and sequence for
VOUT turn-on using a capacitor to ground. Each capacitor charged with 1µA
10ms after turn-on initiated by ENABLE/ENABLE. Internal current source
provides delay to associated FET GATE turn-on.
DLY_ON_B
8
-
-
8
DLY_ON_C
16
-
-
16
DLY_ON_D
15
-
-
15
DLY_OFF_A
18
18
-
18
Gate Off Delay Timer Output. Allows programming of delay and sequence for
VOUT turn-off through ENABLE/ENABLE via a capacitor to ground. Each
capacitor charged with 1µA internal current source to an internal reference
voltage, causing corresponding gate to be pulled down, thus turning off FET.
DLY_OFF_B
13
13
-
13
DLY_OFF_C
3
3
-
3
DLY_OFF_D
4
4
-
4
GATE_A
2
2
2
2
FET Gate Drive Output. Drives external FETs with 1µA current source to soft-
start ramp into load.
On ISL6125 only, these are open drain outputs that can be pulled up to a
maximum of VDD voltage.
GATE_B
5
5
5
5
GATE_C
6
6
6
6
GATE_D
7
7
7
7
SYSRST
22
-
22
-
System Reset I/O. As an input, allows for immediate and unconditional latch-off
of all GATE outputs when driven low. This input can also be used to initiate
programmed sequence with ‘zero’ wait (no 10ms stabilization delay) from input
signal on this pin being driven high to first GATE. As an output, when there is a UV
condition, this pin pulls low. If common to other SYSRST pins in a multiple IC
configuration, it causes immediate and unconditional latch-off of all other GATEs
on all other ISL612X sequencers.
GND
EPAD
EPAD
EPAD
EPAD
Ground. Die Substrate
NC
9, 19
8, 9, 11,
15, 16,
19, 21, 22
3, 4, 8, 9,
11, 13,
15,16,18,
19, 21
19, 22
No Connect


Similar Part No. - ISL6130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6130 INTERSIL-ISL6130 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6130 INTERSIL-ISL6130 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6130IRZA INTERSIL-ISL6130IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6130IRZA INTERSIL-ISL6130IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6130IRZA RENESAS-ISL6130IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com