Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6127 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6127
Description  Power Sequencing Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6127 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6127 Datasheet HTML 3Page - Intersil Corporation ISL6127 Datasheet HTML 4Page - Intersil Corporation ISL6127 Datasheet HTML 5Page - Intersil Corporation ISL6127 Datasheet HTML 6Page - Intersil Corporation ISL6127 Datasheet HTML 7Page - Intersil Corporation ISL6127 Datasheet HTML 8Page - Intersil Corporation ISL6127 Datasheet HTML 9Page - Intersil Corporation ISL6127 Datasheet HTML 10Page - Intersil Corporation ISL6127 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130
7
FN9005.11
August 25, 2011
Descriptions and Operation
The ISL612X sequencer family consists of several 4-channel
voltage sequencing controllers in various functional and
personality configurations. All are designed for use in
multiple-voltage systems requiring power sequencing of
various supply voltages. Individual voltage rails are gated on
and off by external N-Channel MOSFETs, the gates of which
are driven by an internal charge pump to VDD + 5.3V (VQP) in
a user-programmed sequence.
With the 4-channel ISL6123, ENABLE must be asserted high,
and all four voltages to be sequenced must be above their
respective user-programmed undervoltage lockout (UVLO)
levels before programmed output turn-on sequencing can
begin. Sequencing and delay are determined by the choice of
external capacitor values on the DLY_ON and DLY_OFF pins.
RESET Delay after GATE High
TRSTdel
GATE = VDD+5V
160
ms
RESET Output Low
VRSTl
Measured at VDD = 5V with 5k
pull-up resistors
0.1
V
RESET Output Capacitance
COUT_RST
10
pF
SYSRST Pull-Up Voltage
Vpu_srst
VDD
V
SYSRST Pull-Down Current
Ipu_1.5
VDD = 1.5V
5
µA
Ipu_5
VDD = 5V
100
µA
SYSRST Low Output Voltage
Vol_srst
VDD = 1.5V, IOUT = 100µA
150
mV
SYSRST Output Capacitance
Cout_srst
10
pF
SYSRST Low to GATE Turn-Off
tdelSYS_G
GATE = 80% of VDD + 5V
40
ns
GATE
GATE Turn-On Current
IGATEon
GATE = 0V
0.8
1.1
1.4
µA
GATE Turn-Off Current
IGATEoff_l
GATE = VDD, Disabled
-1.4
-1.05
-0.8
µA
GATE Current Range
IGATE_range
Within IC IGATE max-min
0.35
µA
GATE Turn-On/Off Current Temperature
Coefficient
TC_IGATE
0.2
nA/°C
GATE Pull-Down High Current
IGATEoff_h
GATE = VDD, UVLO = 0V
88
mA
GATE High Voltage
VGATEh
VDD < 2V, TJ = +25°C
VDD + 4.9V
V
VGATEh
VDD > 2V
VDD + 5V
VDD + 5.3V
V
GATE Low Voltage
VGATEl
Gate Low Voltage, VDD = 1V
0
0.1
V
ISL6125 Open Drain
Open Drain On Resistance
RDSON_5V
VDD = 5V, EN = VDD
25
Ω
RDSON_3.3V
VDD = 3.3V, EN = VDD
32
Ω
RDSON_2.5V
VDD = 2.5V, EN = VDD
40
Ω
BIAS
IC Supply Current
IVDD_5V
VDD = 5V
0.20
0.5
mA
IVDD_3.3V
VDD = 3.3V
0.14
mA
IVDD_1.5V
VDD = 1.5V
0.10
mA
ISL6123, ISL6130 Stand By IC Supply Current
IVDD_sb
VDD = 5V, ENABLE = 0V
1
µA
VDD Power-on Reset
VDD_POR
1
V
NOTE:
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications VDD = 1.5V to +5V, TA = TJ = -40°C to +85°C, unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT


Similar Part No. - ISL6127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6127 INTERSIL-ISL6127 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6127 INTERSIL-ISL6127 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6127IR INTERSIL-ISL6127IR Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6127IR INTERSIL-ISL6127IR Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6127IR INTERSIL-ISL6127IR Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
More results

Similar Description - ISL6127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com