Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8012IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8012IRZ
Description  2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8012IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8012IRZ Datasheet HTML 4Page - Intersil Corporation ISL8012IRZ Datasheet HTML 5Page - Intersil Corporation ISL8012IRZ Datasheet HTML 6Page - Intersil Corporation ISL8012IRZ Datasheet HTML 7Page - Intersil Corporation ISL8012IRZ Datasheet HTML 8Page - Intersil Corporation ISL8012IRZ Datasheet HTML 9Page - Intersil Corporation ISL8012IRZ Datasheet HTML 10Page - Intersil Corporation ISL8012IRZ Datasheet HTML 11Page - Intersil Corporation ISL8012IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
March 17, 2010
FN6616.1
FIGURE 9. POWER DISSIPATION WITH NO LOAD vs
VIN (PFM VOUT = 1.8V)
FIGURE 10. VOUT REGULATION vs LOAD (1MHz,
VOUT = 1.2V)
FIGURE 11. VOUT REGULATION vs LOAD (1MHz,
VOUT = 1.5V)
FIGURE 12. VOUT REGULATION vs LOAD (1MHz,
VOUT = 1.8V)
FIGURE 13. VOUT REGULATION vs LOAD (1MHz,
VOUT = 2.5V)
FIGURE 14. VOUT REGULATION vs LOAD (1MHz,
VOUT = 3.3V)
Typical Operating Performance (Unless otherwise noted, operating conditions are: T
A = +25°C,
VVIN = 2.5V to 5.5V, EN = VIN, MODE = 0V, L = 2.2µH,
C1 = 2x10µF, C2 = 2x10µF, IOUT = 0A to 2A). (Continued)
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
PFM
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
OUTPUT LOAD (A)
5VIN PFM
3.3VIN PFM
5VIN PWM
3.3VIN PWM
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
OUTPUT LOAD (A)
5VIN PFM
3.3VIN PFM
5VIN PWM
3.3VIN PWM
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
OUTPUT LOAD (A)
3.3VIN PFM
5VIN PWM
3.3VIN PWM
5VIN PFM
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
OUTPUT LOAD (A)
3.3VIN PFM
3.3VIN PWM
5VIN PWM
5VIN PFM
2.43
2.45
2.47
2.49
2.51
2.53
2.55
2.57
2.59
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
OUTPUT LOAD (A)
5VIN PWM
4.5VIN PWM
4.5VIN PFM
5VIN PFM
ISL8012


Similar Part No. - ISL8012IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8012IRZ INTERSIL-ISL8012IRZ Datasheet
1Mb / 15P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8012IRZ RENESAS-ISL8012IRZ Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8012IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8012 INTERSIL-ISL8012 Datasheet
1Mb / 15P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com