Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79C75 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79C75
Description  500mW,5% Tolerance Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C75 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX79C75 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C75 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79C75 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79C75 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZX79C2V4-BZX79C75
500mW,5% Tolerance Zener Diode
Small Signal Diode
Rating and Sharacteristic Curves
Version : B11
0
100
200
300
400
500
600
0
40
80
120
160
200
Temperature [℃]
Ta = 25℃
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
VF - Forw ard Voltage [mV]
PD = 500mW
Ta = 25℃
0
50
100
150
200
250
300
02
4
68
10
VZ - Reverse Voltage [V]
PD = 500mW
Ta = 25
0.01
0.1
1
10
100
15
25
35
45
55
65
75
VZ - Reverse Voltage [V]
f = 1MHz
Ta = 25℃
1
10
100
1000
0
2040
6080
VZ - Reverse Voltage [V]
VR = 0V
VR = 2V
VR = 5V
VR = 20V
VR = 30V
Ta = 25
0.1
1
10
100
1000
110
100
VZ - Reverse Voltage [V]
Iz=10mA
Iz=5mA
Iz=2mA
Iz=1mA
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at
ambient temperature
Figure 2. Total Capacitance
Figure 5. Reverse Current vs. Reverse Voltage
Figure 6. Reverse Current vs. Reverse Voltage
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage


Similar Part No. - BZX79C75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C75 FAIRCHILD-BZX79C75 Datasheet
47Kb / 5P
   Zeners
logo
Zibo Seno Electronic En...
BZX79C75 ZSELEC-BZX79C75 Datasheet
70Kb / 3P
   500mW Silicon Planar Pow
logo
EIC discrete Semiconduc...
BZX79C75 EIC-BZX79C75 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
BZX79C75 MCC-BZX79C75 Datasheet
235Kb / 5P
   500mW Silicon Zener Diodes
logo
First Components Intern...
BZX79C75 FCI-BZX79C75 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Similar Description - BZX79C75

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com