Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH39A-71S-0.3SHW Datasheet(PDF) 7 Page - Hirose Electric

Part # FH39A-71S-0.3SHW
Description  0.3 mm Pitch, 1.2 mm above the board, Top and bottom Contact, Back-Flip actuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH39A-71S-0.3SHW Datasheet(HTML) 7 Page - Hirose Electric

Back Button FH39A-71S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH39A-71S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH39A-71S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH39A-71S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH39A-71S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH39A-71S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH39A-71S-0.3SHW Datasheet HTML 9Page - Hirose Electric FH39A-71S-0.3SHW Datasheet HTML 10Page - Hirose Electric FH39A-71S-0.3SHW Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FH39 Seriesq0.3 mm Pitch, 1.2 mm above the board, Top and bottom Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
All dimensions: mm
Tape and reel packaging (5,000 pieces/reel).
Part Number
FH39-25S-0.3SHW(10)
FH39-27S-0.3SHW(10)
FH39-29S-0.3SHW(10)
FH39-33S-0.3SHW(10)
FH39-39S-0.3SHW(10)
FH39-45S-0.3SHW(10)
FH39-51S-0.3SHW(10)
FH39-61S-0.3SHW(10)
FH39A-67S-0.3SHW(10)
FH39A-71S-0.3SHW(10)
FH39J-25S-0.3SHW(10)
FH39J-33S-0.3SHW(10)
FH39J-39S-0.3SHW(10)
FH39J-45S-0.3SHW(10)
FH39J-51S-0.3SHW(10)
580-1806-8-10
580-1805-5-10
580-1807-0-10
580-1803-0-10
580-1800-1-10
580-1802-7-10
580-1801-4-10
580-1808-3-10
580-1809-6-10
Under planning
580-1815-9-10
580-1814-6-10
580-1813-3-10
580-1811-8-10
580-1812-0-10
25
27
29
33
39
45
51
61
67
71
25
33
39
45
51
24
24
24
24
24
32
32
44
44
44
24
24
24
32
32
CL No.
Number of contacts
G
---
---
---
---
---
28.4
28.4
40.4
40.4
40.4
---
---
---
28.4
28.4
H
11.5
11.5
11.5
11.5
11.5
14.2
14.2
20.2
20.2
20.2
11.5
11.5
11.5
14.2
14.2
J
11
11.6
12.2
13.4
15.2
17
18.8
21.8
23.6
24.8
11
13.4
15.2
17
18.8
K
25.4
25.4
25.4
25.4
25.4
33.4
33.4
45.4
45.4
45.4
25.4
25.4
25.4
33.4
33.4
L
29.4
29.4
29.4
29.4
29.4
37.4
37.4
49.4
49.4
49.4
29.4
29.4
29.4
37.4
37.4
M
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH39A-71S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
   0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
More results

Similar Description - FH39A-71S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH34S HIROSE-FH34S Datasheet
368Kb / 8P
   0.5 mm Pitch, 1.0 mm above the board Top and Top/Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
   0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
FH34S-6S-0.5SH50 HIROSE-FH34S-6S-0.5SH50 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com