Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46064-0032 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 46064-0032
Description  Mini-Fit H2O??Sealed Interconnect System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

46064-0032 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  46064-0032 Datasheet HTML 1Page - Molex Electronics Ltd. 46064-0032 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MARKETS AND APPLICATIONS
ORDERING INFORMATION
I
Vending
- Drink dispensers
- Food service equipment
I
Automotive / Motorcycles
I
Medical
I
Industrial Equipment
- Outdoor lighting
- Conveyer-belt controls
I
Outdoor Entertainment
- Hot tubs
- Swimming pools
I
Recreation Vehicles
- ATV
- Golf carts
- Boats
- Jet skis and snowmobiles
I
Material Handling Equipment
- Forklifts
- Agricultural equipment
I
Solar and Renewable Energy
Mini-Fit H2O
Sealed Interconnect System
4.20mm (.165") Pitch
Order No. 987650-3191
USA/GF/2010.09
© 2010, Molex
www.molex.com/link/MiniFitH2O.html
Order No.
Component
Circuits
46064-0032
Receptacle
2
46065-0032
Plug
Receptacle and Plug Assembly
Order No.
Gender
Plating
Packaging
46055-0005
Female
Tin
Reel
46055-0006
Female
30µ” Select Gold
46056-0002
Male
Tin
46056-0003
Male
30µ” Select Gold
46055-0007
Female
Tin
Bag
46055-0008
Female
30µ” Select Gold
46056-0004
Male
Tin
46056-0005
Male
30µ” Select Gold
Crimp Terminals
46055 Female Terminal
46056 Male Terminal
46064 Receptacle Assembly
46065 Plug Assembly


Similar Part No. - 46064-0032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46064-0032 MOLEX-46064-0032 Datasheet
147Kb / 2P
   SEALED MINIFIT H20 RECEPTACLE ASSEMBLY
More results

Similar Description - 46064-0032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460650032 MOLEX1-0460650032 Datasheet
43Kb / 1P
   Mini-Fit H2O Sealed Plug Housing Assembly, 4.20mm Pitch, , 2 Circuits, Black
0460640032 MOLEX1-0460640032 Datasheet
46Kb / 1P
   Mini-Fit H2O Sealed Receptacle Housing Assembly, 4.20mm Pitch, 2 Circuits, Black
0460111802 MOLEX1-0460111802 Datasheet
47Kb / 2P
   Mini-Fit Plus Connector System
0460550005 MOLEX1-0460550005 Datasheet
46Kb / 1P
   Mini-Fit H2O Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), UL1015
987650-9312 MOLEX2-987650-9312 Datasheet
294Kb / 3P
   Mini-Fit Plus Connector System 4.20mm Pitch
0460550008 MOLEX1-0460550008 Datasheet
47Kb / 2P
   Mini-Fit H2O Crimp Terminal, Female, with Select Gold (Au), Select Tin (Sn) over Nickel
0460560004 MOLEX1-0460560004 Datasheet
48Kb / 2P
   Mini-Fit H2O Crimp Terminal, Male, with Tin (Sn) over Nickel (Ni), UL1015, 18-20
0460560002 MOLEX1-0460560002 Datasheet
47Kb / 1P
   Mini-Fit H2O Crimp Terminal, Male, with Tin (Sn) over Nickel (Ni), UL1015, 18-20
0460550007 MOLEX1-0460550007 Datasheet
47Kb / 2P
   Mini-Fit H2O Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), UL1015, 18-20 AWG
0460550006 MOLEX1-0460550006 Datasheet
46Kb / 1P
   Mini-Fit H2O Crimp Terminal, Female, with Select Gold (Au), Select Tin (Sn) over Nickel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com