Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM65PW480C Datasheet(PDF) 1 Page - TDK Electronics

Part # DTM65PW480C
Description  40W to 65W Medical AC-DC External Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DTM65PW480C Datasheet(HTML) 1 Page - TDK Electronics

  DTM65PW480C Datasheet HTML 1Page - TDK Electronics DTM65PW480C Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTM65-C Series
3055 Del Sol Blvd • San Diego, CA 92154 • 1-800-LAMBDA-4
35
CEC & EISA(1) Compliant Models
Wide Range AC Input
Medical Certifications
40W to 65W Medical AC-DC External Power Supplies
(1) EISA - Energy Independence and Security Act of 2007
CEC and EISA Compliant
Easier system compliance
Wide Range AC Input
Global Operation
> 85% Efficient
Consumes less energy
Feature
Benefit
Features and Benefits
ITEMS
Input Voltage range
90 - 264VAC (47 - 63Hz)
Inrush Current
A
<60A at 230VAC input, 25°C ambient cold start
Input Current
A
2A at 90VAC, Full Load
Power Factor
None
Leakage Current (264VAC 63Hz)
mA
<300uA
Hold Up Time (Typ)
ms
16ms at 115VAC input
Temperature Coefficient
±0.05%/°C
Voltage Accuracy
%
±1%
Adjustment Range
None
Minimum Load
A
None
Total Regulation
5V to 15V Models:±5%, >15V models ±3%
Ripple & Noise
%
1% or 100mV whichever is the greater
Short Circuit Protection
-
Continuous - hiccup mode
Overvoltage Protection
V
110 - 130% of nominal (Cycle input power to reset)
Efficiency
%
>85%, average load for 15V and greater models, >75% <15V models
Operating Temperature
0 to +50°C
Storage Temperature
-10 to +70°C
Humidity (non condensing)
10 - 90% RH
Cooling
-
Convection
Withstand Voltage
Input to Ground 1.5kVAC, Input to Output 4kVAC (Output is connected to Ground)
Vibration (non operating)
23.52m/s2 (10 - 55Hz: constant sweep 1 min X, Y, Z for 1 hour)
Shock
< 196.1 m/s2 (20G)
Safety Agency Approvals
-
UL60601-1, EN60601-1, IEC60601-1
California Energy Commission (CEC)
See model selector
EISA
See model selector
Offload Power Consumption
< 0.5W
Conducted & Radiated EMI
EN55011, EN60601-1-2 Class B
Immunity
EN55024
Weight (Typ)
g
460g
Size (WxLxH)
in
2.72 x 5.2 x 1.57
Cable Length
mm
1050mm
AC Input Connector
IEC 320-C14 (Accepts IEC 320-C13)
Output Connector
Kycon KPP-4P or equivalent, Pins 1 & 2: -Vout, Pins 3 & 4: +Vout
Warranty
One Year
Specifications


Similar Part No. - DTM65PW480C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DTM65PW480C8 TDK-DTM65PW480C8 Datasheet
196Kb / 2P
   AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DTM65PW480C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
   40W to 65W Medical Class II AC-DC External Power Supplies
logo
Artesyn Technologies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
   40W External AC/DC Power Supplies
logo
Tumbler Technologies + ...
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
   65W Medical & ITE Grade AC/DC Power Supplies
logo
TDK Electronics
DTM165-C TDK-DTM165-C Datasheet
105Kb / 2P
   160W to 165W Medical AC-DC External Power Supplies
KM TDK-KM Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMS15 TDK-KMS15 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
logo
Artesyn Technologies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
logo
Artesyn Technologies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com