Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER103S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HER103S
Description  1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER103S Datasheet(HTML) 1 Page - Micro Commercial Components

  HER103S Datasheet HTML 1Page - Micro Commercial Components HER103S Datasheet HTML 2Page - Micro Commercial Components HER103S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HER101S
THRU
HER108S
1.0 Amp High
Efficient Rectifiers
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55°C to +125°C
Storage Temperature: -55°C to +150°C
For capcitive load, derate current by 20%
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER101S
HER102S
100V
70V
100V
HER103S
200V
140V
200V
HER104S
300V
210V
300V
HER105S
400V
280V
400V
HER106S
600V
420V
600V
HER107S
800V
560V
800V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
TA = 55°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER101S-104S
HER105S
VF
1.0V
1.3V
IFM = 1.0A;
TA = 25°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
5.0µA
100µA
TA = 25°C
TA = 100°C
Maximum Reverse
Recovery Time
HER101S-105S
HER106S-108S
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
HER101S-105S
HER106S-108S
CJ
20pF
15pF
Measured at
1.0MHz, VR=4.0V
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
HER106S -108S
1.7V
HER108S
1000V
700V
1000V
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.021
.025
.53
.64
D
1.000
---
25.40
---
A-405
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
HER108S
HER107S
HER106S
HER105S
HER104S
HER103S
HER102S
HER101S
50V
35V
50V
www.mccsemi.com
1 of 3
High Surge Current Capability
High Reliability
Low Forward Voltage Drop
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)


Similar Part No. - HER103S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER103S MCC-HER103S Datasheet
388Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Microdiode Electronics ...
HER103S CHENDA-HER103S Datasheet
589Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER103S TSC-HER103S Datasheet
269Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Shanghai Lunsure Electr...
HER103S CHENYI-HER103S Datasheet
356Kb / 2P
   1.0Amp high efficient rectifiers 50to1000 volts
logo
Shanghai Shunye Electro...
HER103S SY-HER103S Datasheet
1Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER103S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER101 MCC-HER101 Datasheet
368Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_13 Datasheet
743Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101S MCC-HER101S_13 Datasheet
750Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101S MCC-HER101S Datasheet
388Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER107-TP MCC-HER107-TP Datasheet
743Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER101-DO41 YFWDIODE-HER101-DO41 Datasheet
307Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
1H1 MCC-1H1 Datasheet
363Kb / 2P
   1.0 Amp High Efficient Rectifier 50 - 1000 Volts
1H1G MCC-1H1G_17 Datasheet
469Kb / 3P
   1.0 Amp High Efficient Rectifier 50 - 1000 Volts
1H1 MCC-1H1_13 Datasheet
378Kb / 2P
   1.0 Amp High Efficient Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com